전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R3112X 데이터시트(PDF) 5 Page - RICOH electronics devices division

부품명 R3112X
상세설명  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICOH [RICOH electronics devices division]
홈페이지  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3112X 데이터시트(HTML) 5 Page - RICOH electronics devices division

  R3112X Datasheet HTML 1Page - RICOH electronics devices division R3112X Datasheet HTML 2Page - RICOH electronics devices division R3112X Datasheet HTML 3Page - RICOH electronics devices division R3112X Datasheet HTML 4Page - RICOH electronics devices division R3112X Datasheet HTML 5Page - RICOH electronics devices division R3112X Datasheet HTML 6Page - RICOH electronics devices division R3112X Datasheet HTML 7Page - RICOH electronics devices division R3112X Datasheet HTML 8Page - RICOH electronics devices division R3112X Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
R3112x
5
ELECTRICAL CHARACTERISTICS
R3112x091A/C
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
−VDET
Detector Threshold
0.882
0.900
0.918
V
VHYS
Detector Threshold Hysteresis
0.027
0.045
0.063
V
VDD
=0.80V
0.6
2.0
ISS
Supply Current
VDD
=1.90V
0.5
2.0
µA
VDDH
Maximum Operating Voltage
6.0
V
Topt
=25°C
0.70
VDDL
Minimum Operating Voltage
Note1
−40°C <
= Topt <
= 85°C
0.80
V
10
120
µA
Nch
VDS
=0.05V, VDD=0.70V
VDS
=0.50V, VDD=0.85V
0.05
0.90
mA
IOUT
Output Current (Driver Output Pin)
Pch
VDS
=−2.1V, VDD=4.5V
1.0
3.5
mA
VTCD
CD pin Threshold Voltage
VDD
=0.99V
0.297
0.495
0.693
V
VDS
=0.10V, VDD=0.70V
2
70
ICD
CD pin Output Current
VDS
=0.50V, VDD=0.85V
10
400
µA
RD
Output Delay Resistance
3.25
6.50
13.00
M
∆−VDET/
∆Topt
Detector Threshold
Temperature Coefficient
−40°C <
= Topt <
= 85°C
±100
ppm/
°C


유사한 부품 번호 - R3112X

제조업체부품명데이터시트상세설명
logo
RICOH electronics devic...
R3112X091A RICOH-R3112X091A Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
More results

유사한 설명 - R3112X

제조업체부품명데이터시트상세설명
logo
RICOH electronics devic...
R3112X091A RICOH-R3112X091A Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3115Z RICOH-R3115Z Datasheet
884Kb / 28P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Rohm
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXF ROHM-BU42XXF Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXF ROHM-BU43XXF Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXFVE ROHM-BU43XXFVE Datasheet
329Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com