전자부품 데이터시트 검색엔진 |
|
R3115Z 데이터시트(PDF) 3 Page - RICOH electronics devices division |
|
R3115Z 데이터시트(HTML) 3 Page - RICOH electronics devices division |
3 / 28 page R3115Z 3 PIN CONFIGURATIONS WLCSP-4-P2 Mark Side Bump Side 4 1 3 2 4 1 3 2 PIN DESCRIPTIONS Pin No. Symbol Description 1 GND Ground Pin 2 CD Pin for External Capacitor (for setting output delay) 3 OUT Output Pin (Output “L” at detector threshold, Output “H” atreleased voltage) 4 VDD Supply Voltage Pin ABSOLUTE MAXIMUM RATINGS Symbol Item Rating Unit VDD Supply Voltage 6.5 V VOUT1 Output Voltage (CMOS) VSS −0.3 to VDD+0.3 V VOUT2 Output Voltage (Nch) VSS −0.3 to 6.5 V IOUT Output Current 20 mA PD Power Dissipation(WLCSP-4-P2)* 1 530 mW Topt Operating Temperature Range −40 to 85 °C Tstg Storage Temperature Range −55 to 125 °C 1) For Power Dissipation, please refer to PACKAGE INFORNATION to be described. ABSOLUTE MAXIMUM RATINGS Absolute Maximum ratings are threshold limit values that must not be exceeded ever for an instant under any conditions. Moreover, such values for any two items must not be reached simultaneously. Operation above these absolute maximum ratings may cause degradation or permanent damage to the device. These are stress ratings only and do not necessarily imply functional operation below these limits. |
유사한 부품 번호 - R3115Z |
|
유사한 설명 - R3115Z |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |