์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

R5323X ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 12 Page - RICOH electronics devices division

๋ถ€ํ’ˆ๋ช… R5323X
์ƒ์„ธ๋‚ด์šฉ  150mA 2ch LDO REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  RICOH [RICOH electronics devices division]
ํ™ˆํŽ˜์ด์ง€  http://www.ricoh.com
Logo 

R5323X ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 12 Page - RICOH electronics devices division

Zoom Inzoom in Zoom Outzoom out
/ 31 page
 12 / 31 page
background image
R5323x
12
5) Supply Current vs. Input Voltage (Topt
=25ยฐC)
1.5V
2.8V
100
80
60
40
20
0
Input Voltage VIN(V)
0
1
2
456
3
VR1
VR2
100
80
60
40
20
0
0
1
2
456
3
Input Voltage VIN(V)
VR1
VR2
4.0V
100
80
60
40
20
0
0
1
2
456
3
Input Voltage VIN(V)
VR1
VR2
6) Supply Current vs. Temperature
1.5V (VR1)
1.5V (VR2)
20
40
100
80
0
-50
-25
25
50
75
100
60
VIN=2.5V
0
Temperature Topt(
ยฐC)
20
40
100
80
0
-50
-25
25
50
75
100
60
VIN=2.5V
0
Temperature Topt(
ยฐC)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
BD3951FSystem Regulator RESET Vcc-Detection and 150mA LDO 1 2 3 4 5 MoreRohm
R1183Z150mA LDO REGULATOR 1 2 3 4 5 MoreRICOH electronics devices division
GM6155150mA LOW - NOISE LDO REGULATOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
KIC3210T-025CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator 1 2 3 4 5 KEC(Korea Electronics)
R1182K121BLow Voltage 150mA LDO REGULATOR 1 2 3 4 5 MoreRICOH electronics devices division
LTC1705Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO 1 2 3 4 5 MoreLinear Technology
R1180N121B150mA LDO REGULATOR 1 2 3 4 5 MoreRICOH electronics devices division
R1163N151B3-MODE 150mA LDO REGULATOR with the Reverse Current Protection 1 2 3 4 5 MoreRICOH electronics devices division
R1162N151B3-MODE 150mA LDO REGULATOR 1 2 3 4 5 MoreRICOH electronics devices division
R1112N_02LOW NOISE 150mA LDO REGULATOR 1 2 3 4 5 MoreRICOH electronics devices division

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn