전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

R5323X 데이터시트(HTML) 19 Page - RICOH electronics devices division

부품명 R5323X
상세내용  150mA 2ch LDO REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  RICOH [RICOH electronics devices division]
홈페이지  http://www.ricoh.com
Logo 

R5323X 데이터시트(HTML) 19 Page - RICOH electronics devices division

Zoom Inzoom in Zoom Outzoom out
/ 31 page
 19 / 31 page
background image
R5323x
19
11) Load Transient Response
2.8V (VR1)
2.8V (VR2)
2.80
0
5
10
15
20
2.85
2.85
150
100
50
0
2.80
2.75
2.75
CIN=Ceramic 1.0
µF, COUT=Ceramic 1.0µF
Time T(
µs)
VOUT1
VOUT2
IOUT2=30mA
IOUT1
2.80
0
5
10
15
20
2.85
2.85
150
100
50
0
2.80
2.75
2.75
CIN=Ceramic 1.0
µF, COUT=Ceramic 1.0µF
Time T(
µs)
VOUT1
VOUT2
IOUT1=30mA
IOUT2
2.8V (VR1)
2.8V (VR2)
2.80
2.70
3.00
2.95
2.70
0
5
10
15
20
2.85
2.90
2.85
150
100
50
0
2.80
2.75
2.75
CIN=Ceramic 1.0
µF, COUT=Ceramic 4.4µF
Time T(
µs)
VOUT1
VOUT2
IOUT2=30mA
IOUT1
2.80
0
5
10
15
20
2.85
2.85
150
100
50
0
2.80
2.75
2.75
CIN=Ceramic 1.0
µF, COUT=Ceramic 1.0µF
Time T(
µs)
2.70
3.00
2.95
2.70
2.90
VOUT1
VOUT2
IOUT1=30mA
IOUT2
2.8V (VR2)
2.8V (VR2)
2.80
2.70
3.00
2.95
2.70
0
5
10
15
20
2.85
2.90
2.85
150
100
50
0
2.80
2.75
2.75
CIN=Ceramic 1.0
µF, COUT=Ceramic 2.2µF
Time T(
µs)
VOUT1
VOUT2
IOUT1=30mA
IOUT2
2.80
2.70
3.00
2.95
2.70
0
5
10
15
20
2.85
2.90
2.85
150
100
50
0
2.80
2.75
2.75
CIN=Ceramic 1.0
µF, COUT=Ceramic 4.4µF
Time T(
µs)
VOUT1
VOUT2
IOUT1=30mA
IOUT2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
BD3951FSystem Regulator RESET Vcc-Detection and 150mA LDO 1 2 3 4 5 MoreRohm
R1183Z150mA LDO REGULATOR 1 2 3 4 5 MoreRICOH electronics devices division
GM6155150mA LOW - NOISE LDO REGULATOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
KIC3210T-025CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator 1 2 3 4 5 KEC(Korea Electronics)
R1182K121BLow Voltage 150mA LDO REGULATOR 1 2 3 4 5 MoreRICOH electronics devices division
LTC1705Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO 1 2 3 4 5 MoreLinear Technology
R1180N121B150mA LDO REGULATOR 1 2 3 4 5 MoreRICOH electronics devices division
R1163N151B3-MODE 150mA LDO REGULATOR with the Reverse Current Protection 1 2 3 4 5 MoreRICOH electronics devices division
R1162N151B3-MODE 150mA LDO REGULATOR 1 2 3 4 5 MoreRICOH electronics devices division
R1112N_02LOW NOISE 150mA LDO REGULATOR 1 2 3 4 5 MoreRICOH electronics devices division

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn