전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

R5323X 데이터시트(HTML) 25 Page - RICOH electronics devices division

부품명 R5323X
상세내용  150mA 2ch LDO REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  RICOH [RICOH electronics devices division]
홈페이지  http://www.ricoh.com
Logo 

R5323X 데이터시트(HTML) 25 Page - RICOH electronics devices division

Zoom Inzoom in Zoom Outzoom out
/ 31 page
 25 / 31 page
background image
PACKAGE INFORMATION
PE-PLP1820-6-0611
POWER DISSIPATION (PLP1820-6)
This specification is at mounted on board. Power Dissipation (PD) depends on conditions of mounting on board.
This specification is based on the measurement at the condition below:
Measurement Conditions
Standard Land Pattern
Environment
Mounting on Board (Wind velocity=0m/s)
Board Material
Glass cloth epoxy plactic (Double sided)
Board Dimensions
40mm
× 40mm × 1.6mm
Copper Ratio
Top side : Approx. 50% , Back side : Approx. 50%
Through-hole
φ0.54mm × 30pcs
Measurement Result
(Topt=25
°C,Tjmax=125°C)
Standard Land Pattern
Power Dissipation
880mW
Thermal Resistance
θja=(125−25°C)/0.88W=114°C/W
0
50
100
25
75 85
125
150
Ambient Temperature (
°C)
0
400
200
600
800
880
1000
On Board
1200
40
Power Dissipation
Measurement Board Pattern
IC Mount Area Unit : mm
RECOMMENDED LAND PATTERN
1.60
0.35
0.25
0.5 0.5
(Unit: mm)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
BD3951FSystem Regulator RESET Vcc-Detection and 150mA LDO 1 2 3 4 5 MoreRohm
R1183Z150mA LDO REGULATOR 1 2 3 4 5 MoreRICOH electronics devices division
GM6155150mA LOW - NOISE LDO REGULATOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
KIC3210T-025CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator 1 2 3 4 5 KEC(Korea Electronics)
R1182K121BLow Voltage 150mA LDO REGULATOR 1 2 3 4 5 MoreRICOH electronics devices division
LTC1705Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO 1 2 3 4 5 MoreLinear Technology
R1180N121B150mA LDO REGULATOR 1 2 3 4 5 MoreRICOH electronics devices division
R1163N151B3-MODE 150mA LDO REGULATOR with the Reverse Current Protection 1 2 3 4 5 MoreRICOH electronics devices division
R1162N151B3-MODE 150mA LDO REGULATOR 1 2 3 4 5 MoreRICOH electronics devices division
R1112N_02LOW NOISE 150mA LDO REGULATOR 1 2 3 4 5 MoreRICOH electronics devices division

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn