전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TISP3070H3SL 데이터시트(PDF) 4 Page - Power Innovations Ltd

부품명 TISP3070H3SL
상세설명  DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POINN [Power Innovations Ltd]
홈페이지  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP3070H3SL 데이터시트(HTML) 4 Page - Power Innovations Ltd

  TISP3070H3SL Datasheet HTML 1Page - Power Innovations Ltd TISP3070H3SL Datasheet HTML 2Page - Power Innovations Ltd TISP3070H3SL Datasheet HTML 3Page - Power Innovations Ltd TISP3070H3SL Datasheet HTML 4Page - Power Innovations Ltd TISP3070H3SL Datasheet HTML 5Page - Power Innovations Ltd TISP3070H3SL Datasheet HTML 6Page - Power Innovations Ltd TISP3070H3SL Datasheet HTML 7Page - Power Innovations Ltd TISP3070H3SL Datasheet HTML 8Page - Power Innovations Ltd TISP3070H3SL Datasheet HTML 9Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TISP3070H3SL THRU TISP3095H3SL, TISP3125H3SL THRU TISP3210H3SL
TISP3250H3SL THRU TISP3350H3SL
DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
4
JANUARY 1999 - REVISED MAY 1999
P R OD U C T
INF O RMA T ION
electrical characteristics for the R and T terminals, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDRM
Repetitive peak off-
state current
VD = 2VDRM
±5
µA
V(BO)
Breakover voltage
dv/dt = ±750 V/ms,
RSOURCE = 300 Ω
‘3070
‘3080
‘3095
‘3125
‘3135
‘3145
‘3180
‘3210
‘3250
‘3290
‘3350
±140
±160
±190
±250
±270
±290
±360
±420
±500
±580
±700
V
V(BO)
Impulse breakover
voltage
dv/dt
≤ ±1000 V/µs, Linear voltage ramp,
Maximum ramp value = ±500 V
di/dt = ±20 A/µs, Linear current ramp,
Maximum ramp value = ±10 A
‘3070
‘3080
‘3095
‘3125
‘3135
‘3145
‘3180
‘3210
‘3250
‘3290
‘3350
±156
±176
±206
±268
±288
±308
±378
±440
±252
±604
±724
V
thermal characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RθJA
Junction to free air thermal resistance
EIA/JESD51-3 PCB, IT = ITSM(1000),
TA = 25 °C, (see Note 7)
50
°C/W
NOTE
7:
EIA/JESD51-2 environment and PCB has standard footprint dimensions connected with 5 A rated printed wiring track widths.


유사한 부품 번호 - TISP3070H3SL

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
TISP3070H3 BOURNS-TISP3070H3 Datasheet
562Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3070H3 BOURNS-TISP3070H3 Datasheet
353Kb / 12P
   Overvoltage Protector Series
More results

유사한 설명 - TISP3070H3SL

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
TISP3070H3 BOURNS-TISP3070H3 Datasheet
562Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3X00F3 BOURNS-TISP3X00F3 Datasheet
299Kb / 10P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com