전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SK12B 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

부품명 SK12B
상세내용  1.0 AMP. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SK12B 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SK12B_1 데이터시트 HTML 1Page - Taiwan Semiconductor Company, Ltd SK12B_1 데이터시트 HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (SK12B THRU SK115B)
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
10
100
0
10
20
40
30
50
NUMBER OF CYCLES AT 60Hz
AT RATED TL
8.3ms Single Half Sine Wave
JEDEC Method
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
50
60
70
80
90
100
110
120
170
160
150
140
130
0
0.5
1.0
LEAD TEMPERATURE. ( C)
o
RESISTIVE OR
INDUCTIVE LOAD
SK15B - SK115B
SK12B - SK14B
PCB MOUNTED ON 0.4X0.4"
(10X10mm) COPPER PAD AREAS
FIG.3- TYPICAL FORWARD CHARACTERISTICS
0
.2
.4
.6
.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10.0
50
FORWARD VOLTAGE. (V)
SK12B-SK14B
SK15B & SK16B
SK110B & SK115B
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.001
0.01
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=125 C
0
Tj=25 C
0
Tj=75 C
0
SK12B-SK14B
SK15B & SK16B
SK110B & SK115B
FIG.5- TYPICAL JUNCTION CAPACITANCE
.1
1.0
10
100
10
100
400
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
PULSE WIDTH=300 S
1% DUTY CYCLE
Version: A06
1
0.01
0.1
10
100
0.1
10
1
100
PULSE DURATION, (sec)
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS


Html Pages

1  2 


데이터시트 Download

Go To PDF Page

관련 부품명

부품명상세내용Html View제조사
LSR102_11.0 AMP. Surface Mount Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
RS1A1.0 AMP. Surface Mount Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
MBRS2035CT_120.0 AMPS. Surface Mount Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
RS1A_11.0 AMP. Fast Recovery Surface Mount Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
SDBS12_11.0 AMP. Schottky Barrier Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
MBRS2535CT_125 AMPS. Surface Mount Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
S1AB1.0 AMP. Surface Mount Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
1N58171.0 AMP. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
S1AB_11.0 AMP. Surface Mount Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
1N5817_11.0 AMP. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn