전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SK32B 데이터시트(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

부품명 SK32B
상세내용  3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SK32B 데이터시트(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SK32B 데이터시트 HTML 1Page - Taiwan Semiconductor Company, Ltd SK32B 데이터시트 HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 70 -
.082(2.08)
.076(1.93)
.012(.31)
.006(.15)
.012(.31)
.006(.15)
.008(.20)
.004(.10)
.056(1.41)
.035(0.90)
.147(3.73)
.137(3.48)
.187(4.75)
.167(4.25)
.103(2.61)
.078(1.99)
.208(5.28)
.200(5.08)
SK32B THRU SK310B
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Voltage Range
20 to 100 Volts
Current
3.0 Amperes
Features
For surface mounted application
Metal to silicon rectifier, majority carrier conduction
Low forward voltage drop
Easy pick and place
High surge current capability
Plastic material used carriers Underwriters
Laboratory Classification 94V-O
Epitaxial construction
High temperature soldering:
260
oC / 10 seconds at terminals
Mechanical Data
Case: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Packaging: 16mm tape per EIA STD RS-481
Weight: 0.1 gram
SMB/DO-214AA
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SK
32B
SK
33B
SK
34B
SK
35B
SK
36B
SK
39B
SK
310B
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
V
Maximum Average Forward Rectified
Current at TL
(See Fig. 1)
I(AV)
3.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
100
150
A
Maximum Instantaneous Forward Voltage
@ 3.0A
VF
0.5
0.75
0.85
V
0.5
0.6
Maximum DC Reverse Current (Note 1)
@ TA =25
℃at Rated DC Blocking Voltage
@ TA=100
IR
20
10.0
20.0
mA
mA
Typical Thermal Resistance ( Note 2 )
R
θJL
R
θJA
17
75
℃/W
Operating Temperature Range
TJ
-55 to +125
-55 to +150
Storage Temperature Range
TSTG
-55 to +150
Notes
: 1. Pulse Test with PW=300 usec, 1% Duty Cycle
2. Measured on P.C.Board with 0.4 x 0.4”(10 x 10mm) Copper Pad Areas.


Html Pages

1  2 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn