전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AL5DS9XX9V 데이터시트(PDF) 2 Page - AverLogic Technologies Inc

부품명 AL5DS9XX9V
상세설명  3.3V Synchronous Dual-Port SRAM 4K/8K/16K/32K/64K/128K x 8/9/16/18-bit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVERLOGIC [AverLogic Technologies Inc]
홈페이지  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL5DS9XX9V 데이터시트(HTML) 2 Page - AverLogic Technologies Inc

  AL5DS9XX9V Datasheet HTML 1Page - AverLogic Technologies Inc AL5DS9XX9V Datasheet HTML 2Page - AverLogic Technologies Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AL5DS9xx9V Preliminary Rev: 1.0
2
Device Descriptions
A Dual-port RAM is a static RAM with a dual-ported cell. There are separate address, data and
control signals for each port to access a common SRAM array. A dual-port RAM is generally
classified with FIFOs as a “specialty” memory. They are most commonly used in communications
that include the exchange of data between processors, processes and systems.
Each port contains an internal counter for fast memory access applications. The initial address of
the internal counter is loaded with the port’s Address Strobe (/ADS). It also allows the Counter
Enable (/CNTEN) to increment the internal counter on each Low to High transition of that port’s
clock signal. The counter can address the entire memory array and will loop back to start (address
0). The internal counter will be reset to zero while asserting Counter Reset (/CNTRST).
The AL5DS9xx9V is a high speed, 3.3V, synchronous, CMOS, dual-ported SRAM series. The
AL5DS9349V/59V/69V/79V/89V are configured as 4K/8K/16K/32K/64K x 18-bit,
AL5DS9269V/79V/89V as 16K/32K/64K x 16-bit, AL5DS9159V/69V/79V/89V/99V as
8K/16K/32K/64K/128K x 9-bit and AL5DS9069V/79V/89V/99V as 16K/32K/64K/128 x 8-bit. All
these parts support both Pipelined and Flow-Through modes that are selected via the Pipe/FT pin. In
the Pipelined mode, two cycles are required to reactivate the data outputs. The AL5DS9xx9V
series features dual Chip Enables that allow simple depth and width expansion without external
control logic.
All parts are available in 100-pin Thin Quad Plastic Flatpack (TQFP) packages.
AL5DS9269V/79V/89V and AL5DS9379V/89V are also available in 128-pin TQFP packages.
For more information regarding AL5DS9xx9V synchronous Dual-Port RAM or other AverLogic
products, please contact us at your local authorized representatives or visit our web site listed
below.
Applications
Cellular Base Stations
Cellular Phones
Multi-protocol Routers
LAN/WAN Switches
PBXs
RAIDs (Storage Networks)
Set-top Boxes
Audio/Video Editing
Graphics Accelerators
Satellite Encoders
Cable Modems
Flight Simulators
High-end Printing Servers
Ultrasound Imaging
Averlogic Technologies, Inc.
E-mail: sales_usa@averlogic.com
URL: http://www.averlogic.com
Averlogic Technologies, Corp.
E-mail: sales@averlogic.com.tw
URL: http://www.averlogic.com.tw


유사한 부품 번호 - AL5DS9XX9V

제조업체부품명데이터시트상세설명
logo
AverLogic Technologies ...
AL5DA002 AVERLOGIC-AL5DA002 Datasheet
80Kb / 2P
   3.3V, 5V Asynchronous Dual-Port SRAM 1k/2k/4K/8K/16K/32K x 8/9/16/18-bit
AL5DA003 AVERLOGIC-AL5DA003 Datasheet
80Kb / 2P
   3.3V, 5V Asynchronous Dual-Port SRAM 1k/2k/4K/8K/16K/32K x 8/9/16/18-bit
AL5DA004 AVERLOGIC-AL5DA004 Datasheet
80Kb / 2P
   3.3V, 5V Asynchronous Dual-Port SRAM 1k/2k/4K/8K/16K/32K x 8/9/16/18-bit
AL5DA005 AVERLOGIC-AL5DA005 Datasheet
80Kb / 2P
   3.3V, 5V Asynchronous Dual-Port SRAM 1k/2k/4K/8K/16K/32K x 8/9/16/18-bit
AL5DA006 AVERLOGIC-AL5DA006 Datasheet
80Kb / 2P
   3.3V, 5V Asynchronous Dual-Port SRAM 1k/2k/4K/8K/16K/32K x 8/9/16/18-bit
More results

유사한 설명 - AL5DS9XX9V

제조업체부품명데이터시트상세설명
logo
AverLogic Technologies ...
AL5DAXXXX AVERLOGIC-AL5DAXXXX Datasheet
80Kb / 2P
   3.3V, 5V Asynchronous Dual-Port SRAM 1k/2k/4K/8K/16K/32K x 8/9/16/18-bit
logo
Cypress Semiconductor
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
logo
AverLogic Technologies ...
AL4CX263 AVERLOGIC-AL4CX263 Datasheet
41Kb / 2P
   16K/32K/64K/128K x9, 8K/16K/32K/64K x18 Synchronous FIFO
logo
Cypress Semiconductor
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024V CYPRESS-CY7C024V Datasheet
248Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com