์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TS1118 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

๋ถ€ํ’ˆ๋ช… TS1118
์ƒ์„ธ๋‚ด์šฉ  500mA Low Dropout Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  TSC [Taiwan Semiconductor Company, Ltd]
ํ™ˆํŽ˜์ด์ง€  http://www.taiwansemi.com
Logo 

TS1118 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

   
Zoom Inzoom in Zoom Outzoom out
/ 6 page
 5 / 6 page
background image
TS1118
5-6
2005/08 rev. A
SOT-89 Mechanical Drawing
SOT-89 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.40
4.60
0.173
0.181
B
1.50
1.7
0.059
0.070
C
2.30
2.60
0.090
0.102
D
0.40
0.52
0.016
0.020
E
1.50
1.50
0.059
0.059
F
3.00
3.00
0.118
0.118
G
0.89
1.20
0.035
0.047
H
4.05
4.25
0.159
0.167
I
1.4
1.6
0.055
0.068
J
0.35
0.44
0.014
0.017
TO-92 Mechanical Drawing
C
D
A
B
H
E
F
G
TO-92 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.30
4.70
0.169
0.185
B
4.30
4.70
0.169
0.185
C
14.30(typ)
0.563(typ)
D
0.43
0.49
0.017
0.019
E
2.19
2.81
0.086
0.111
F
3.30
3.70
0.130
0.146
G
2.42
2.66
0.095
0.105
H
0.37
0.43
0.015
0.017
H
F
E
B
A
G
C
D
J
I


Html Pages

1  2  3  4  5  6 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
MCP1701_052 ฮผA Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreMicrochip Technology
GM6250ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SVR1086-2.85MSVR1086-2.85M 2.85 thru 12Volts LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR 1 2 3 Solid States Devices, Inc
SVR1085-3.3M1.5 Amps 2.85 thru 12Volts LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR 1 2 3 4 Solid States Devices, Inc
LM2937500mA LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 5 MoreUnisonic Technologies
GM6251ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LD1585C_055A Low dropout fast response positive voltage regulator adjustable and fixed 1 2 3 4 5 MoreSTMicroelectronics
TS1083_057.5A Low Dropout Positive Voltage Regulator 1 2 3 4 5 Taiwan Semiconductor Company, Ltd
TS1117S800mA Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
AMS5105500mA CMOS LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 5 MoreAdvanced Monolithic Systems

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn