전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS1118CT 데이터시트(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

부품명 TS1118CT
상세설명  500mA Low Dropout Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1118CT 데이터시트(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS1118CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1118CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1118CT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1118CT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1118CT Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1118CT Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TS1118
6-6
2005/08 rev. A
SOT-223 Mechanical Drawing
G
H
E
D
F
C
A
B
J
K
I
SOT-223 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
6.350
6.850
0.250
0.270
B
2.900
3.100
0.114
0.122
C
3.450
3.750
0.136
0.148
D
0.595
0.635
0.023
0.025
E
4.550
4.650
0.179
0.183
F
2.250
2.350
0.088
0.093
G
0.835
1.035
0.032
0.041
H
6.700
7.300
0.263
0.287
I
0.250
0.355
0.010
0.014
J
10°
16°
10°
16°
K
1.550
1.800
0.061
0.071


유사한 부품 번호 - TS1118CT

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
TS1110-200ITQ1633 SILABS-TS1110-200ITQ1633 Datasheet
1Mb / 22P
   Power Management Systems
TS1110-20ITQ1633 SILABS-TS1110-20ITQ1633 Datasheet
1Mb / 22P
   Power Management Systems
logo
Taiwan Semiconductor Co...
TS1115 TSC-TS1115 Datasheet
390Kb / 8P
   500mA Low Dropout Positive Voltage Regulator
TS1115ACYRM TSC-TS1115ACYRM Datasheet
191Kb / 5P
   500mA Low Dropout Positive Voltage Regulator
TS1115ACYXXRM TSC-TS1115ACYXXRM Datasheet
390Kb / 8P
   500mA Low Dropout Positive Voltage Regulator
More results

유사한 설명 - TS1118CT

제조업체부품명데이터시트상세설명
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163 Datasheet
149Kb / 8P
   500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
RT9163 RICHTEK-RT9163_07 Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1115 TSC-TS1115_09 Datasheet
191Kb / 5P
   500mA Low Dropout Positive Voltage Regulator
TS1115 TSC-TS1115 Datasheet
390Kb / 8P
   500mA Low Dropout Positive Voltage Regulator
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com