전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

4N2X 데이터시트(HTML) 3 Page - Everlight Electronics Co., Ltd

부품명 4N2X
상세내용  6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo 

4N2X 데이터시트(HTML) 3 Page - Everlight Electronics Co., Ltd

 
Zoom Inzoom in Zoom Outzoom out
/ 13 page
 3 / 13 page
background image
6 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
3
http:\\www.everlight.com
Document No:DPC-717-044 Rev. 0
September 12, 2007
4N2X Series
4N3X Series
H11AX Series
Electrical Characteristics (Ta=25°C unless specified otherwise)
Input
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Forward voltage
VF
-
1.2
1.5
V
IF = 10mA
Reverse current
IR
-
-
10
µA
VR = 6V
Input capacitance
Cin
-
30
-
pF
V = 0, f = 1MHz
Output
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Collector-Base dark current
ICBO
-
-
20
nA
VCB = 10V
-
-
50
VCE = 10V, IF=0mA
Collector-Emitter dark
current
ICEO
-
-
50
nA
VCE = 60V, IF=0mA
Collector-Emitter
breakdown voltage
BVCEO
80
-
-
V
Ic=1mA
Collector-Base
breakdown voltage
BVCBO
80
-
V
IC=0.1mA
Emitter-Collector
breakdown voltage
BVECO
7
-
-
V
IE=0.1mA
Emitter-Base
breakdown voltage
BVEBO
7
-
-
V
IE=0.1mA
Collector-Emitter
capacitance
CCE
-
8
-
pF
VCE=0V, f=1MHz
* Typical values at Ta = 25°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn