전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

4N2X 데이터시트(HTML) 2 Page - Everlight Electronics Co., Ltd

부품명 4N2X
상세내용  6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo 

4N2X 데이터시트(HTML) 2 Page - Everlight Electronics Co., Ltd

 
Zoom Inzoom in Zoom Outzoom out
/ 13 page
 2 / 13 page
background image
6 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
2
http:\\www.everlight.com
Document No:DPC-717-044 Rev. 0
September 12, 2007
4N2X Series
4N3X Series
H11AX Series
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Forward current
IF
50
mA
Peak forward current (t = 10µs)
IFM
1
A
Reverse voltage
VR
6
V
70
mW
Input
Power dissipation (TA = 25°C)
Derating factor (above 100°C)
PD
3.8
mW/°C
Collector-Emitter voltage
VCEO
80
V
Collector-Base voltage
VCBO
80
V
Emitter-Collector voltage
VECO
7
V
Output
Emitter-Base voltage
VEBO
7
V
150
mW
Power dissipation (TA = 25°C)
Derating factor (above 100°C)
PC
9.0
mW/°C
Total power dissipation
Ptot
200
mW
Isolation voltage
*1
Viso
5000
Vrms
Operating temperature
Topr
-55~+110
°C
Storage temperature
Tstg
-55~+125
°C
Soldering temperature
*2
Tsol
260
°C
Notes
*1 AC for 1 minute, R.H.= 40 ~ 60% R.H. In this test, pins 1, 2 & 3 are shorted together, and pins 4, 5 & 6
are shorted together.
*2 For 10 seconds.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn