전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS9007 데이터시트(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

부품명 TS9007
상세설명  300mA Ultra-Low-Noise, High PSRR LDO Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9007 데이터시트(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS9007 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9007 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9007 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9007 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9007 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TS9007 series
3-5
2006/02 rev. C
Functional Description
Description
The TS9007 is an ultra-low-noise, low-quiescent current, low-dropout linear regulator. It is supplied in a SOT-25
package for difference applications. This device can supply loads up to 300mA. As shown in the functional block
diagram, the TS9007 consists of a reference and noise bypass circuit, error amplifier, output drive transistor, internal
feedback voltage divider, thermal sensor, and short circuit current limiter. The internal reference is connected to the
error amplifier’s inverting input. The error amplifier compares this reference with the feedback voltage and amplifies
the difference. If the feedback voltage is lower than the reference voltage, the pass=transistor gate is pulled low. This
allows more current to pass to the output and increases the output voltage.
Stability
The TS9007 is a high performance LDO emphasizing stability with low output capacitance. It is able to maintain
stability with an output capacitor can also be increased to optimize performance. The TS9007 will remain stable and
in regulation with no load, unlike many other voltage regulators.
Internal P-Channel Pass Transistor
The TS9007 features alow impedance P-channel MOSFET pass transistor. This provides several advantages over
similar designs using a PNP pass transistor, including low operating power and longer battery life. The TS9007
consumes only 90
µA of quiescent current under most conditions.
Output Short-Circuit Current Limit
The TS9007 includes a current limiter, which monitors and controls the pass transistor’s gage voltage, limiting the
output current to about 200mA, for example, in a short-circuit output situation.
Shutdown
The TS9007 also features a low-power active shutdown mode. It has a switch that turns off the device when disabled.
This allows the output capacitor and load to discharge and de-energize the load. In the shutdown mode, the internal
functional blocks, such as voltage reference and the error amplifier, are turned off completely, and the quiescent
current is less than 1
µA.
Thermal Protection Shutdown
The thermal protection shutdown function protects the device from operating in over temperature condition. When the
junction temperature exceeds +160
oC, the thermal sensor signals the shutdown logic, turning off the pass transistor
and allowing the IC to tool down. The thermal sensor turns the pass transistor on again after the IC’s junction
temperature drops to +140
oC.
Soft-Start Circuitry
The TS9007 includes a soft-start circuitry to limit inrush current at turn-on. During power up, the output capacitor and
output load are charged with a reduce output current. Shortly after the initial power up, the soft-start feature is
terminated and normal operation is resumed.
Application Information
Enable / Shutdown
The TS9007 comes with and active-high enable pin that allows the regulator to be enabled. Forcing the enable pin
low disables the regulator and puts it into the shutdown mode. This pin cannot be left floating as it may cause an
undetermined state.
Input / Output Capacitor
It is recommended to use a 0.47uF capacitor on the TS9007 input and a 0.47uF capacitor on the output. For high
regulation performance, larger input capacitor values and lower ESRs provide better noise rejection and
line-transient response. The output noise, load-transient response, stability, and power-supply rejection can be
improved by using large output capacitors. Low ESR ceramic capacitors provide optimal performance and save
space.
Power Supply Rejection and Transient Response
The PSRR and transient response can be improved by increasing the values of the input and output bypass
capacitors, and through passive filtering techniques


유사한 부품 번호 - TS9007

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
TS9007XCX5RF TSC-TS9007XCX5RF Datasheet
104Kb / 7P
   300mA Low Noise CMOS LDO
TS9007XCXRF TSC-TS9007XCXRF Datasheet
104Kb / 7P
   300mA Low Noise CMOS LDO
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
TS9007 TSC-TS9007_08 Datasheet
104Kb / 7P
   300mA Low Noise CMOS LDO
More results

유사한 설명 - TS9007

제조업체부품명데이터시트상세설명
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
logo
Micrel Semiconductor
MIC5323 MICREL-MIC5323 Datasheet
474Kb / 15P
   High PSRR Low Noise 300mA 關Cap Ultra-Low Dropout LDO Regulator
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
   300mA, High PSRR Low-Noise LDO
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
   300mA High PSRR Low Noise LDO
logo
Lowpower Semiconductor ...
LP3986 POWER-LP3986 Datasheet
679Kb / 6P
   300mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com