전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL3474ACPWRG4 데이터시트(PDF) 5 Page - Texas Instruments

부품명 TL3474ACPWRG4
상세설명  HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL3474ACPWRG4 데이터시트(HTML) 5 Page - Texas Instruments

  TL3474ACPWRG4 Datasheet HTML 1Page - Texas Instruments TL3474ACPWRG4 Datasheet HTML 2Page - Texas Instruments TL3474ACPWRG4 Datasheet HTML 3Page - Texas Instruments TL3474ACPWRG4 Datasheet HTML 4Page - Texas Instruments TL3474ACPWRG4 Datasheet HTML 5Page - Texas Instruments TL3474ACPWRG4 Datasheet HTML 6Page - Texas Instruments TL3474ACPWRG4 Datasheet HTML 7Page - Texas Instruments TL3474ACPWRG4 Datasheet HTML 8Page - Texas Instruments TL3474ACPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TL3474, TL3474A
HIGHSLEW RATE, SINGLESUPPLY OPERATIONAL AMPLIFIERS
SLVS461B − JANUARY 2003 − REVISED JULY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, VCC± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TL3474
TL3474A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
SR+
Positive slew rate
VI = −10 V to 10 V,
RL = 2 kΩ,
AV = 1
8
10
8
10
V/ s
SR−
Negative slew rate
I
RL = 2 kΩ,
CL = 300 pF
AV = −1
13
13
V/
µs
ts
Settling time
AVD = −1, 10-V step
To 0.1%
1.1
1.1
s
ts
Settling time
AVD = −1, 10-V step
To 0.01%
2.2
2.2
µs
Vn
Equivalent input noise
voltage
f = 1 kHz,
RS = 100 Ω
49
49
nV/
√Hz
In
Equivalent input noise
current
f = 1 kHz
0.22
0.22
pA/
√Hz
THD
Total harmonic distortion
VO(PP) = 2 V to 20 V, RL = 2 kΩ,
AVD = 10, f = 10 kHz
0.02
0.02
%
GBW
Gain-bandwidth product
f =100 kHz
3
4
3
4
MHz
BW
Power bandwidth
VO(PP) = 20 V, RL = 2 kΩ,
160
160
kHz
BW
Power bandwidth
VO(PP) = 20 V, RL = 2 kΩ,
AVD = 1, THD = 5.0%
160
160
kHz
φm
Phase margin
RL = 2 kΩ,
CL = 0
70
70
deg
φm
Phase margin
RL = 2 kΩ,
CL = 300 pF
50
50
deg
Gain margin
RL = 2 kΩ,
CL = 0
12
12
dB
Gain margin
RL = 2 kΩ,
CL = 300 pF
4
4
dB
ri
Differential input
resistance
VIC = 0
150
150
M
Ci
Input capacitance
VIC = 0
2.5
2.5
pF
Channel separation
f = 10 kHz
101
101
dB
zo
Open-loop output
impedance
f = 1 MHz,
AV = 1
20
20


유사한 부품 번호 - TL3474ACPWRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL3474ACPWR TI-TL3474ACPWR Datasheet
359Kb / 15P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474ACPWRE4 TI-TL3474ACPWRE4 Datasheet
359Kb / 15P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results

유사한 설명 - TL3474ACPWRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474 Datasheet
359Kb / 15P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
   High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
logo
Unisonic Technologies
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL3472 TI-TL3472_08 Datasheet
384Kb / 12P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472QDRQ1 TI-TL3472QDRQ1 Datasheet
161Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472 TI-TL3472 Datasheet
68Kb / 5P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472-Q1 TI1-TL3472-Q1 Datasheet
175Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com