전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3USB31RSER 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TS3USB31RSER
상세설명  HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS3USB31RSER 데이터시트(HTML) 3 Page - Texas Instruments

  TS3USB31RSER Datasheet HTML 1Page - Texas Instruments TS3USB31RSER Datasheet HTML 2Page - Texas Instruments TS3USB31RSER Datasheet HTML 3Page - Texas Instruments TS3USB31RSER Datasheet HTML 4Page - Texas Instruments TS3USB31RSER Datasheet HTML 5Page - Texas Instruments TS3USB31RSER Datasheet HTML 6Page - Texas Instruments TS3USB31RSER Datasheet HTML 7Page - Texas Instruments TS3USB31RSER Datasheet HTML 8Page - Texas Instruments TS3USB31RSER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.ti.com
Recommended Operating Conditions
(1)
Electrical Characteristics
(1)
Dynamic Electrical Characteristics
TS3USB31
HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH
WITH SINGLE ENABLE
SCDS242C – JULY 2007 – REVISED AUGUST 2007
MIN
MAX
UNIT
VCC
Supply voltage
3.0
4.3
V
VCC = 3 V to 3.6 V
1.3
VIH
High-level control input voltage
V
VCC = 4.3 V
1.7
VCC = 3 V to 3.6 V
0.5
VIL
Low-level control input voltage
V
VCC = 4.3 V
0.7
VI/O
Data input/output voltage
0
VCC
V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VIK
VCC = 3 V,
II = –18 mA
–1.2
V
IIN
Control inputs
VCC = 4.3 V,
VIN = 0 to 4.3 V,
VCC = 0 V
±1
μA
IOZ
(3)
VCC = 4.3 V,
VO = 0 to 3.6 V,
VI = 0,
Switch OFF
±1
μA
IOFF
D+ and D–
VCC = 0 V,
VO = 0 to 4.3 V,
VI = 0,
VIN = VCC or GND
±2
μA
ICC
VCC = 4.3 V,
II/O = 0,
Switch ON or OFF
1
μA
ΔICC
(4)
Control inputs
VCC = 4.3 V,
VIN = 2.6 V
10
μA
Cin
Control inputs
VCC = 0 V,
VIN = VCC or GND
1
pF
Cio(OFF)
VCC = 3.3 V,
VI/O = 3.3 V or 0,
Switch OFF
2
pF
Cio(ON)
VCC = 3.3 V,
VI/O = 3.3 V or 0,
Switch ON
6
pF
ron
(5)
VCC = 3 V,
VI = 0.4 V,
IO = –8 mA
6
10
Δron
VCC = 3 V,
VI = 0.4 V,
IO = –8 mA
0.35
ron(flat)
VCC = 3 V,
VI = 0 V or 1 V,
IO = –8 mA
2
(1)
VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
(2)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
(5)
Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is
determined by the lower of the voltages of the two (A or B) terminals.
over operating range, TA = –40°C to 85°C, VCC = 3.3 V ± 10%, GND = 0 V
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
XTALK
Crosstalk
RL = 50 Ω, f = 240 MHz, See Figure 7
–53
dB
OIRR
OFF isolation
RL = 50 Ω, f = 240 MHz, See Figure 6
–30
dB
BW
Bandwidth (–3 dB)
RL = 50 Ω, CL = 5 pF, See Figure 8
1220
MHz
(1)
For Max or Min conditions, use the appropriate value specified under Electrical Characteristics for the applicable device type.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TS3USB31


유사한 부품 번호 - TS3USB31RSER

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3USB31E TI-TS3USB31E Datasheet
602Kb / 16P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
TS3USB31E TI-TS3USB31E Datasheet
749Kb / 18P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
TS3USB31ERSER TI-TS3USB31ERSER Datasheet
602Kb / 16P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
TS3USB31ERSER TI-TS3USB31ERSER Datasheet
749Kb / 18P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
TS3USB31E TI-TS3USB31E_10 Datasheet
749Kb / 18P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
More results

유사한 설명 - TS3USB31RSER

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3USB31E TI-TS3USB31E Datasheet
602Kb / 16P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
TS3USB31E TI-TS3USB31E_10 Datasheet
749Kb / 18P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
TS3USB221 TI1-TS3USB221_17 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_10 Datasheet
1Mb / 20P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
logo
Global Mixed-mode Techn...
G3206 GMT-G3206 Datasheet
91Kb / 1P
   High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer Demultiplexer Switch with Single Enable
logo
Texas Instruments
TS3USB221 TI-TS3USB221_08 Datasheet
1Mb / 20P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30_09 Datasheet
892Kb / 19P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30 Datasheet
311Kb / 12P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30_08 Datasheet
770Kb / 18P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com