전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMC1112SJF 데이터시트(PDF) 5 Page - ADDtek Corp

부품명 AMC1112SJF
상세설명  1A LOW DROPOUT POSITIVE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADDTEK [ADDtek Corp]
홈페이지  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC1112SJF 데이터시트(HTML) 5 Page - ADDtek Corp

  AMC1112SJF Datasheet HTML 1Page - ADDtek Corp AMC1112SJF Datasheet HTML 2Page - ADDtek Corp AMC1112SJF Datasheet HTML 3Page - ADDtek Corp AMC1112SJF Datasheet HTML 4Page - ADDtek Corp AMC1112SJF Datasheet HTML 5Page - ADDtek Corp AMC1112SJF Datasheet HTML 6Page - ADDtek Corp AMC1112SJF Datasheet HTML 7Page - ADDtek Corp AMC1112SJF Datasheet HTML 8Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AMC1112
Copyright
© 2007 ADDtek Corp
5
DD003_B -- MAY 2007
APPLICATION INFORMATION
Note:
1. *120Ω for warrant work on 10mA.
2. R doesn’t need to use if load more than 120Ω.
Fixed Voltage Regulator
VIN
VOUT
C2
22
µF
C1
10
µF
AMC1112
Ω
R


유사한 부품 번호 - AMC1112SJF

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
AMC1117-1.5 ADDTEK-AMC1117-1.5 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
AMC1117-1.8 ADDTEK-AMC1117-1.8 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
AMC1117-2.5 ADDTEK-AMC1117-2.5 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
More results

유사한 설명 - AMC1112SJF

제조업체부품명데이터시트상세설명
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122_10 Datasheet
206Kb / 11P
   1A LOW DROPOUT POSITIVE REGULATOR
DS31012 Rev. 9 - 2
logo
GTM CORPORATION
GE1117A50 GTM-GE1117A50 Datasheet
235Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
GE1147-50 GTM-GE1147-50 Datasheet
234Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
logo
Anachip Corp
AP1122 ANACHIP-AP1122 Datasheet
191Kb / 10P
   1A Low Dropout Positive Regulator
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A_15 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
logo
Silicon Standard Corp.
SS6117AG SSC-SS6117AG Datasheet
230Kb / 7P
   1A Low-Dropout Positive Regulator
logo
Seaward Electronics Inc...
SE1122 SEAWARD-SE1122_14 Datasheet
256Kb / 5P
   1A Low Dropout Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com