전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK003SF 데이터시트(PDF) 1 Page - AUK corp

부품명 STK003SF
상세설명  N-channel Trench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AUK [AUK corp]
홈페이지  https:www.auk.co.kr
Logo AUK - AUK corp

STK003SF 데이터시트(HTML) 1 Page - AUK corp

  STK003SF Datasheet HTML 1Page - AUK corp STK003SF Datasheet HTML 2Page - AUK corp STK003SF Datasheet HTML 3Page - AUK corp STK003SF Datasheet HTML 4Page - AUK corp STK003SF Datasheet HTML 5Page - AUK corp STK003SF Datasheet HTML 6Page - AUK corp STK003SF Datasheet HTML 7Page - AUK corp STK003SF Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
KSD-T5C043-000
1
STK003SF
N-channel Trench MOSFET
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
Portable Equipment Application.
Notebook Application.
Features
• Low VGS(th) : VGS(th)=0.6~1.2V
• Small footprint due to small package
• Low RDS (ON) : RDS (ON)= 27(Typ.)
Ordering Information
Type NO.
Marking
Package Code
STK003SF
K03
SOT-23F
Outline Dimensions
unit : mm
PIN Connections
1. Gate
2. Source
3. Drain
3
1
2
2.30~2.50
1.50~1.70
D
G
S
Block Diagram


유사한 부품 번호 - STK003SF

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
STK003SF KODENSHI-STK003SF Datasheet
459Kb / 8P
   PORTABLE EQUIPMENT APPLICATION
logo
VBsemi Electronics Co.,...
STK003SF VBSEMI-STK003SF Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - STK003SF

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UTN6266 UTC-UTN6266 Datasheet
272Kb / 7P
   N-CHANNEL TRENCH MOSFET
logo
List of Unclassifed Man...
PFB6000 ETC2-PFB6000 Datasheet
130Kb / 3P
   N-CHANNEL TRENCH MOSFET
logo
AUK corp
STK001SF AUK-STK001SF Datasheet
325Kb / 8P
   N-channel Trench MOSFET
STK004SF AUK-STK004SF Datasheet
324Kb / 8P
   N-channel Trench MOSFET
logo
Shanghai Leiditech Elec...
LM3043N LEIDITECH-LM3043N Datasheet
771Kb / 5P
   N-Channel Trench MOSFET
logo
Fairchild Semiconductor
FDD16AN08_F085 FAIRCHILD-FDD16AN08_F085 Datasheet
2Mb / 11P
   N-Channel UltraFET짰 Trench MOSFET
logo
Solid States Devices, I...
FT0021 SSDI-FT0021_15 Datasheet
43Kb / 2P
   N-Channel Trench Gate MOSFET
logo
SemiHow Co.,Ltd.
HRLF43N06H SEMIHOW-HRLF43N06H Datasheet
538Kb / 7P
   60V N-Channel Trench MOSFET
HRLO60N06H SEMIHOW-HRLO60N06H Datasheet
574Kb / 8P
   60V N-Channel Trench MOSFET
logo
Fairchild Semiconductor
FDMC2674 FAIRCHILD-FDMC2674 Datasheet
334Kb / 6P
   N-Channel UltraFET Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com