전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK730P 데이터시트(PDF) 2 Page - AUK corp

부품명 STK730P
상세설명  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AUK [AUK corp]
홈페이지  https:www.auk.co.kr
Logo AUK - AUK corp

STK730P 데이터시트(HTML) 2 Page - AUK corp

  STK730P Datasheet HTML 1Page - AUK corp STK730P Datasheet HTML 2Page - AUK corp STK730P Datasheet HTML 3Page - AUK corp STK730P Datasheet HTML 4Page - AUK corp STK730P Datasheet HTML 5Page - AUK corp STK730P Datasheet HTML 6Page - AUK corp STK730P Datasheet HTML 7Page - AUK corp STK730P Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KSD-T0P008-000
2
STK730P
Absolute maximum ratings
(Tc=25
°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
400
V
Gate-source voltage
VGSS
±30
V
Tc=25℃
5.5
A
Drain current (DC)
ID
Tc=100℃
3.4
A
Drain current (Pulsed) *
IDP
22
A
Drain power dissipation
PD
71
W
Avalanche current (Single)
IAS
5.5
A
Single pulsed avalanche energy
EAS
270
mJ
Avalanche current (Repetitive)
IAR
5.5
A
Repetitive avalanche energy
EAR
7.3
mJ
Junction temperature
TJ
150
°C
Storage temperature range
Tstg
-55~150
°C
* Limited by maximum junction temperature
Characteristic
Symbol
Typ.
Max
Unit
Junction-case
Rth(J-C)
-
1.75
Thermal
resistance
Junction-ambient
Rth(J-A)
-
62.5
/W


유사한 부품 번호 - STK730P

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK730-010 SANYO-STK730-010 Datasheet
126Kb / 6P
   Self-Excitation Type Semi-Regulated Switching Regulator (110W Output)
STK730-010 SANYO-STK730-010 Datasheet
127Kb / 6P
   Self-Excitation Type Semi-Regulated Switching Regulator (145W Output)?
STK730-010 SANYO-STK730-010 Datasheet
161Kb / 8P
   Self-Excitation Type Semi-Regulated (World Spec) Switching Regulator (110W Output)?
STK730-010 SANYO-STK730-010 Datasheet
98Kb / 4P
   Self-Excitation Type Semi-Regulated Switching Regulator (210W Output)?
logo
Inchange Semiconductor ...
STK730-010 ISC-STK730-010 Datasheet
130Kb / 3P
   Self-excitation Type Semi-Regulated Switching Regulator
More results

유사한 설명 - STK730P

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com