전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSL14S 데이터시트(PDF) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

부품명 TSL14S
상세설명  LIGHT-TO-VOLTAGE CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
홈페이지  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL14S 데이터시트(HTML) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL14S Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL14S Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL14S Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL14S Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL14S Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL14S Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL14S Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL14S Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL14S Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TSL12S, TSL13S, TSL14S
LIGHT-TO-VOLTAGE CONVERTERS
TAOS051E − SEPTEMBER 2007
4
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
PARAMETER MEASUREMENT INFORMATION
OUTPUT VOLTAGE WAVEFORM (See Note B)
TEST CIRCUIT
Peak Ee
10%
Min VO
tr
TSL1xS
RL
VDD
2
1
3
+
Output
Pulse
Generator
LED
(see Note A)
90%
NOTES: A. The input irradiance is supplied by a pulsed AlInGaP light-emitting diode with the following characteristics: λp = 640 nm,
tr < 1 μs, tf < 1 μs.
B. The output waveform is monitored on an oscilloscope with the following characteristics: tr < 100 ns, Zi ≥ 1 MΩ, Ci ≤ 20 pF.
Figure 1. Switching Times
tdr
10%
90%
tdf
tf
Peak VO
Min Ee
Input
TYPICAL CHARACTERISTICS
Figure 2
PHOTODIODE SPECTRAL RESPONSIVITY
λ − Wavelength − nm
400
500
600
700
800
900 1000 1100
300
0
0.2
0.4
0.6
0.8
1
Figure 3
θ − Angular Displacement
80°
60°
40°
20°
80°
60°
40°
20°
NORMALIZED OUTPUT VOLTAGE
vs
ANGULAR DISPLACEMENT
0
0.2
0.4
0.6
0.8
1


유사한 부품 번호 - TSL14S

제조업체부품명데이터시트상세설명
logo
ams AG
TSL14S AMSCO-TSL14S Datasheet
626Kb / 13P
   LIGHT-TO-VOLTAGE CONVERTERS
TSL14S AMSCO-TSL14S Datasheet
792Kb / 13P
   LIGHT-TO-VOLTAGE CONVERTERS
More results

유사한 설명 - TSL14S

제조업체부품명데이터시트상세설명
logo
ams AG
TSL12T AMSCO-TSL12T Datasheet
651Kb / 15P
   LIGHT-TO-VOLTAGE CONVERTERS
TSL12S AMSCO-TSL12S Datasheet
626Kb / 13P
   LIGHT-TO-VOLTAGE CONVERTERS
TSL13FN AMSCO-TSL13FN Datasheet
586Kb / 19P
   Light-to-Voltage Converters
logo
TEXAS ADVANCED OPTOELEC...
TSL12T TAOS-TSL12T Datasheet
214Kb / 14P
   LIGHT-TO-VOLTAGE CONVERTERS
logo
ams AG
TSL14 AMSCO-TSL14 Datasheet
792Kb / 13P
   LIGHT-TO-VOLTAGE CONVERTERS
logo
List of Unclassifed Man...
TSLB257 ETC-TSLB257 Datasheet
101Kb / 8P
   HIGHSENSITIVITY COLOR LIGHTTOVOLTAGE CONVERTERS
logo
ams AG
TSL230RD AMSCO-TSL230RD Datasheet
636Kb / 15P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
List of Unclassifed Man...
TSL230RD ETC1-TSL230RD Datasheet
111Kb / 10P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TSL230R ETC1-TSL230R Datasheet
103Kb / 8P
   PROGRAMMABLE LIGHTTOFREQUENCY CONVERTERS
logo
TEXAS ADVANCED OPTOELEC...
TSL230RD TAOS-TSL230RD Datasheet
200Kb / 14P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com