전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7000-05-1101 데이터시트(PDF) 4 Page - Coto Technology

부품명 7000-05-1101
상세설명  High Reliability Reed Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COTO [Coto Technology]
홈페이지  http://www.cotorelay.com
Logo COTO - Coto Technology

7000-05-1101 데이터시트(HTML) 4 Page - Coto Technology

  7000-05-1101 Datasheet HTML 1Page - Coto Technology 7000-05-1101 Datasheet HTML 2Page - Coto Technology 7000-05-1101 Datasheet HTML 3Page - Coto Technology 7000-05-1101 Datasheet HTML 4Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
23
For Most Recent Data, Consult the Coto Technology Website: www.cotorelay.com
6 E-mail: sales@cotorelay.com
Contact
Model
Nominal
Must
Must
Coil
Width
Schematic Top View 2, 8
Form
Number
Coil
Operate
Release
Resistance
(See Table #1)
Voltage
Voltage
Voltage
±10%_
End to End Same End
VDC
VDC max.
VDC min.
@25°C
Coil
Coil
1A Hg wet9
7201
5
3.75
0.4
70
A
12
9.0
1.0
450
24
18.0
2.0
1785
2A Hg wet9
7202
5
3.75
0.4
60
B
12
9.0
1.0
340
24
18.0
2.0
1330
3A Hg wet9
7203
5
3.75
0.4
50
C
12
9.0
1.0
300
24
18.0
2.0
1200
4A Hg wet9
7204
5
3.75
0.4
40
D
12
9.0
1.0
250
24
18.0
2.0
960
1C Hg wet9
7241
5
3.75
0.4
50
C
12
9.0
1.0
300
24
18.0
2.0
1200
1A High
7301
5
3.75
0.4
175
A
Voltage
12
9.0
1.0
1100
24
18.0
2.0
4200
2A High
7302
5
3.75
0.4
100
B
Voltage
12
9.0
1.0
640
24
18.0
2.0
2450
3A High
7303
5
3.75
0.4
65
C
Voltage
12
9.0
1.0
490
24
18.0
2.0
1550
4A High
7304
5
3.75
0.4
55
D
Voltage
12
9.0
1.0
300
24
18.0
2.0
1350
1A Current
7003-5193
N/A
13.0
5.0
8
C
Sensor
(mA Max)
(mA Min)
Notes:
5 These relays contain bias magnets. Correct coil polarity must be observed.
6 Coil suppression diode is recommended for proper operation. Correct coil polarity must be observed.
7
Break before make not guaranteed.
8 Dot stamped on top of relay refers to pin #1 location. E-pin indicates Electrostatic shield pin. Unused pins omitted.
Pin numbers for reference only.
9 All models with Hg wet contacts are position sensitive, must be mounted within 30o of vertical plane. See schematic.


유사한 부품 번호 - 7000-05-1101

제조업체부품명데이터시트상세설명
logo
IET Labs Inc.
7000-05 IET-7000-05 Datasheet
93Kb / 2P
   Digibridges
7000-05 IET-7000-05 Datasheet
95Kb / 2P
   Cost Effective, Accurate, Impedance
More results

유사한 설명 - 7000-05-1101

제조업체부품명데이터시트상세설명
logo
Coto Technology
7000 COTO-7000 Datasheet
1Mb / 4P
   7000 SERIES/HIGH RELIABILITY REED RELAYS
7201-12-1000 COTO-7201-12-1000 Datasheet
1Mb / 4P
   7000 SERIES/HIGH RELIABILITY REED RELAYS
7101-05-1000 COTO-7101-05-1000 Datasheet
1Mb / 4P
   7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
Cynergy3 Co
DAT72415F CYNERGY3-DAT72415F Datasheet
1Mb / 2P
   high voltage reed relays
SAR91205 CYNERGY3-SAR91205 Datasheet
267Kb / 1P
   high voltage reed relays
logo
Meder Electronic
H24-1A83 MEDER-H24-1A83 Datasheet
646Kb / 4P
   High Voltage Reed Relays
logo
Coto Technology
2904-05-101 COTO-2904-05-101 Datasheet
255Kb / 2P
   Reed Relays
2204-05-301 COTO-2204-05-301 Datasheet
291Kb / 2P
   Reed Relays
logo
Meder Electronic
1624185000 MEDER-1624185000 Datasheet
158Kb / 3P
   Reed Relays
1605185000 MEDER-1605185000 Datasheet
150Kb / 3P
   Reed Relays
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com