전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM5821A 데이터시트(PDF) 2 Page - Rectron Semiconductor

부품명 FM5821A
상세설명  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 3.0 Amperes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECTRON [Rectron Semiconductor]
홈페이지  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM5821A 데이터시트(HTML) 2 Page - Rectron Semiconductor

  FM5821A Datasheet HTML 1Page - Rectron Semiconductor FM5821A Datasheet HTML 2Page - Rectron Semiconductor FM5821A Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( FM5820A THRU FM5822A )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE, (
)
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0
25
50
75
100
125
150
175
4
3
2
1
0
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, ( V )
1000
800
600
400
200
100
80
60
20
10
.1
.4
1.0
4
10
40
TJ = 25
FIG. 5 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
TJ = 25
Pulse Width = 300uS
1% Duty Cycle
FM5820A
FM5821A
FM5822A
INSTANTANEOUS FORWARD VOLTAGE, (V)
.2
.3
.4
.5
.6
.7
.8
.9
.1
1.0
10
20
FIG. 2 - TYPICAL REVERSE CHARACTERISTICS
TJ = 125
TJ = 75
FM5820A
FM5821A~FM5822A
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
0
20
40
60
80
100 120 140
.001
.01
.1
1.0
10
FIG. 3 - MAXIMUM NON-REPETITIVE
NUMBER OF CYCLE AT 60Hz
1
2
5
10
20
50
100
80
70
60
50
40
30
20
10
TL = 75
8.3ms Single Half Sine-Wave
(JEDEC Method)
FORWARD SURGE CURRENT
P.C.B Mounted on
0.4X0.4"(10X10mm)
copper pad areas


유사한 부품 번호 - FM5821A

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
FM5821 RECTRON-FM5821 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 3.0 Amperes)
logo
Formosa MS
FM5821 FORMOSA-FM5821 Datasheet
67Kb / 2P
   Silicon epitaxial planer type
FM5821 FORMOSA-FM5821 Datasheet
67Kb / 2P
   Silicon epitaxial planer type
FM5821 FORMOSA-FM5821 Datasheet
69Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM5821-AL FORMOSA-FM5821-AL Datasheet
69Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

유사한 설명 - FM5821A

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
FM5820 RECTRON-FM5820 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 3.0 Amperes)
FM5820B RECTRON-FM5820B Datasheet
30Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 3.0 Amperes
FM320B RECTRON-FM320B Datasheet
31Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes
FM320 RECTRON-FM320 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE 20 to 100 Volts CURRENT 3.0 Amperes)
FM320A RECTRON-FM320A Datasheet
31Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes
FM5820L RECTRON-FM5820L Datasheet
420Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 3.0 Ampere
logo
List of Unclassifed Man...
SSM22LPT ETC2-SSM22LPT Datasheet
81Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 - 40 Volts CURRENT 2.0 Amperes
logo
Rectron Semiconductor
SR320 RECTRON-SR320 Datasheet
230Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes)
SRL320 RECTRON-SRL320 Datasheet
265Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 3.0 Amperes
2021-06 REV:A
logo
List of Unclassifed Man...
SX37 ETC1-SX37 Datasheet
43Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE- 20 to 90 Volts CURRENT- 3.0 Amperes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com