전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-CYXX 데이터시트(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-CYXX
상세설명  Precision Optical Performance 5mm Round Warm White LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CYXX 데이터시트(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CYXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CYXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CYXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CYXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CYXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CYXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CYXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CYXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CYXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Intensity Bin Limit Table at 20mA
Bin
Intensity (mcd) at 20 mA
Min
Max
T
500
300
U
300
400
V
400
5500
W
5500
700
X
700
9300
Y
9300
000
Z
000
6000
Toleranceforeachbinlimitis±15%
Color bin limits
Rank
Chromaticity Coordinates Limits

X
0.360
0.3988
0.38
0.3545
0.360
Y
0.3850
0.46
0.3580
0.3408
0.3850

X
0.3988
0.4390
0.49
0.38
0.3988
Y
0.46
0.430
0.375
0.3580
0.46
3
X
0.4390
0.4970
0.4588
0.49
0.4390
Y
0.430
0.4466
0.3838
0.375
0.430
Toleranceforeachbinlimitis±0.01
Avago Warm white binning on CIE 1931 Chromaticity Diagram
0.300
0.350
0.400
0.450
0.500
0.300
0.350
0.400
0.450
0.500
0.550
x
Black Body
Bin 1
Bin 2
Bin 3


유사한 부품 번호 - HLMP-CYXX

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-C008 HP-HLMP-C008 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-C008 AVAGO-HLMP-C008 Datasheet
242Kb / 11P
   T-13/4 (5 mm) AlInGaP Lamps Popular 5 mm diameter
logo
Agilent(Hewlett-Packard...
HLMP-C008-U0000 HP-HLMP-C008-U0000 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
HLMP-C025 HP-HLMP-C025 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-C025 AVAGO-HLMP-C025 Datasheet
242Kb / 11P
   T-13/4 (5 mm) AlInGaP Lamps Popular 5 mm diameter
More results

유사한 설명 - HLMP-CYXX

제조업체부품명데이터시트상세설명
logo
OptoSupply Internationa...
OSM5DK5111A-1MA OPTOSUPPLY-OSM5DK5111A-1MA Datasheet
108Kb / 1P
   5mm Round Warm White LED
OS6MFL5A31A OPTOSUPPLY-OS6MFL5A31A Datasheet
107Kb / 1P
   5mm Round Warm White LED
OSM5DA5111A OPTOSUPPLY-OSM5DA5111A Datasheet
99Kb / 1P
   5mm Round Warm White LED
OSM5DL5111A OPTOSUPPLY-OSM5DL5111A Datasheet
99Kb / 1P
   5mm Round Warm White LED
OSM5DK5111A OPTOSUPPLY-OSM5DK5111A Datasheet
105Kb / 1P
   5mm Round Warm White LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW46 AVAGO-HLMP-CW46 Datasheet
94Kb / 8P
   T-1 쩐 (5mm) Extra Bright Precision Optical Performance White LED Lamps.
logo
OptoSupply Internationa...
OSM57L5111P OPTOSUPPLY-OSM57L5111P Datasheet
107Kb / 1P
   Deluxe Power 5mm Round Warm White LED
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CWXX AVAGO-HLMP-CWXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com