전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-CY37-UX0DD 데이터시트(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-CY37-UX0DD
상세설명  Precision Optical Performance 5mm Round Warm White LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CY37-UX0DD 데이터시트(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CY37-UX0DD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CY37-UX0DD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CY37-UX0DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CY37-UX0DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CY37-UX0DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CY37-UX0DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CY37-UX0DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CY37-UX0DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CY37-UX0DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Avago Technologies LED configuration
Precautions:
Lead Forming:
• TheleadsofanLEDlampmaybeperformedorcutto
lengthpriortoinsertionandsolderingonPCboard.
• Ifleadformingisrequiredbeforesoldering,caremust
betakentoavoidanyexcessivemechanicalstressthat
induced into the LED package. Otherwise, cut the
leads to applicable length after soldering process at
roomtemperature.Thesolderjointformedwillabsorb
the mechanical stress, due to the lead cutting, from
travelingtotheLEDchipdieattachandwirebond.
• For better control, it is recommended to use proper
tooltopreciselyformandcuttheleadstoapplicable
lengthratherthandoingitmanually.
Soldering condition:
• Care must be taken during PCB assembly and
soldering process to prevent damage to the LED
component.
• Theclosestmanualsolderingdistanceofthesoldering
heat source (soldering iron’s tip) to the body is
1.59mm.SolderingtheLEDcloserthan1.59mmmight
damagetheLED.
• Recommendedsolderingcondition:
Wave Soldering
Manual Solder
Dipping
Pre-heat temperature
05 °C Max.
-
Preheat time
30 sec Max
-
Peak temperature
50 °C Max.
60 °C Max.
Dwell time
3 sec Max.
5 sec Max
• Wave soldering parameter must be set and maintain
according to the recommended temperature and
dwelltime.Customerisadvisedtodailycheckonthe
soldering profile to ensure that the soldering profile
is always conforming to recommended soldering
condition.
Note:
1. PCB with different size and design (component density) will
have different heat mass (heat capacity). This might cause a
changeintemperatureexperiencedbytheboardifsamewave
solderingsettingisused.So,itisrecommendedtore-calibrate
thesolderingprofileagainbeforeloadinganewtypeofPCB.
2. Avago Technologies’ high brightness LED are using high
efficiency LED die with single wire bond as shown below.
Customer is advised to take extra precaution during wave
soldering to ensure that the maximum wave temperature is
not exceeding 250°C. Over-stressing the LED during soldering
process might cause premature failure to the LED due to
delamination.
1.59mm
Note:ElectricalconnectionbetweenbottomsurfaceofLEDdieand
theleadframematerialthroughconductivepasteofsolder.
• If necessary, use fixture to hold the LED component
in proper orientation with respect to the PCB during
solderingprocess.
• Atelevatedtemperature,theLEDismoresusceptible
to mechanical stress.Therefore, PCB must allowed to
cool down to room temperature prior to handling,
whichincludesremovalofjigs,fixturesorpallet.
• Specialattentionmustbegiventoboardfabrication,
solder masking, surface platting and lead holes size
andcomponentorientationtoassurethesolderability.
• RecommendedPCboardplatedthroughholessizefor
LEDcomponentleads.
LED component
lead size
Diagonal
Plated through
hole diameter
0.457 x 0.457 mm
(0.08 x 0.08 inch)
0.646 mm
(0.05 inch)
0.976 to .078 mm
(0.038 to 0.04 inch)
0.508 x 0.508 mm
(0.00 x 0.00 inch)
0.78 mm
(0.08 inch)
.049 to .50 mm
(0.04 to 0.045 inch)
• Under sizing of plated through hole can lead to
twisting or improper LED placement during auto
insertion.Oversizingplatedthroughholecanleadto
mechanicalstressontheepoxylensduringclinching.
Note: Refer to application note AN1027 for more information on
solderingLEDcomponents.
InGaN Device
Anode


유사한 부품 번호 - HLMP-CY37-UX0DD

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-C008 HP-HLMP-C008 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-C008 AVAGO-HLMP-C008 Datasheet
242Kb / 11P
   T-13/4 (5 mm) AlInGaP Lamps Popular 5 mm diameter
logo
Agilent(Hewlett-Packard...
HLMP-C008-U0000 HP-HLMP-C008-U0000 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
HLMP-C025 HP-HLMP-C025 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-C025 AVAGO-HLMP-C025 Datasheet
242Kb / 11P
   T-13/4 (5 mm) AlInGaP Lamps Popular 5 mm diameter
More results

유사한 설명 - HLMP-CY37-UX0DD

제조업체부품명데이터시트상세설명
logo
OptoSupply Internationa...
OSM5DK5111A-1MA OPTOSUPPLY-OSM5DK5111A-1MA Datasheet
108Kb / 1P
   5mm Round Warm White LED
OS6MFL5A31A OPTOSUPPLY-OS6MFL5A31A Datasheet
107Kb / 1P
   5mm Round Warm White LED
OSM5DA5111A OPTOSUPPLY-OSM5DA5111A Datasheet
99Kb / 1P
   5mm Round Warm White LED
OSM5DL5111A OPTOSUPPLY-OSM5DL5111A Datasheet
99Kb / 1P
   5mm Round Warm White LED
OSM5DK5111A OPTOSUPPLY-OSM5DK5111A Datasheet
105Kb / 1P
   5mm Round Warm White LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW46 AVAGO-HLMP-CW46 Datasheet
94Kb / 8P
   T-1 쩐 (5mm) Extra Bright Precision Optical Performance White LED Lamps.
logo
OptoSupply Internationa...
OSM57L5111P OPTOSUPPLY-OSM57L5111P Datasheet
107Kb / 1P
   Deluxe Power 5mm Round Warm White LED
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CWXX AVAGO-HLMP-CWXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com