전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC801 데이터시트(PDF) 1 Page - Polyfet RF Devices

부품명 LC801
상세설명  SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POLYFET [Polyfet RF Devices]
홈페이지  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

LC801 데이터시트(HTML) 1 Page - Polyfet RF Devices

  LC801 Datasheet HTML 1Page - Polyfet RF Devices LC801 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
polyfet rf devices
LC801
13
Single Ended
AC
15.0
1.0
30.0
3.40 C/W
65
0.8
5.50
1.0
55
0.90
2.50
3.0
50
0.10
70
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Common Source Power Gain
Drain Efficiency
Total
Device
Dissipation
Junction to
Case Thermal
Resistance
Maximum
Junction
Temperature
Storage
Temperature
DC Drain
Current
Drain to
Source
Voltage
Gate to
Source
Voltage
-65 C to 150 C
200 C
A
V
Load Mismatch Tolerance
VSWR
Drain to
Gate
Voltage
20:1
Relative
0.40
0.10
Ids =
mA, Vgs = 0V
V, Vgs = 0V
Ciss
Crss
Coss
Vds =
Idq =
A, Vds =
V, F =
0.40
Bvdss
Idss
Drain Breakdown Voltage
V
mA
pF
pF
pF
Common Source Output Capacitance
Common Source Feedback Capacitance
Idq =
Idq = 0.40
500
Vgs = 20V, Ids =
Rdson
Saturation Resistance
Forward Transconductance
gM
Vds = 10V, Vgs = 5V
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
500
500
Common Source Input Capacitance
70
V
Igss
Vgs
Idsat
Zero Bias Drain Current
Gate Leakage Current
Gate Bias for Drain Current
Saturation Current
1
7
uA
V
Mho
Ohm
Amp
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
ELECTRICAL CHARACTERISTICS ( EACH SIDE )
RF CHARACTERISTICS (
20.0
ABSOLUTE MAXIMUM RATINGS ( T =
Gps
28.0
A, Vds =
V, F =
A, Vds =
V, F =
28.0
28.0
Watts
V
1
MHz
MHz
MHz
Watts
Package Style
20.0
Vds = 0V Vgs = 30V
Vgs = 20V, Vds = 10V
HIGH EFFICIENCY, LINEAR
HIGH GAIN, LOW NOISE
General Description
28.0
Vds =
A, Vgs = Vds
Ids =
A
η
dB
%
o
o
o
o
o
Silicon VDMOS and LDMOS
transistors designed specifically
for broadband RF applications.
Suitable for Militry Radios,
Cellular and Paging Amplifier Base
Stations, Broadcast FM/AM, MRI,
Laser Driver and others.
"Polyfet" process features
low feedback and output capacitances
resulting in high F transistors with high
input impedance and high efficiency.
TM
t
SILICON GATE ENHANCEMENT MODE
RF POWER
TRANSISTOR
LDMOS
Vgs = 0V, F = 1 MHz
28.0
Vds =
Vgs = 0V, F = 1 MHz
28.0
Vds =
Vgs = 0V, F = 1 MHz
28.0
REVISION 05/01/2001
20
25 C )
WATTS OUTPUT )


유사한 부품 번호 - LC801

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC80101M SANYO-LC80101M Datasheet
162Kb / 9P
   VICS LSI
logo
Polyfet RF Devices
LC801 POLYFET-LC801_14 Datasheet
60Kb / 2P
   RF POWER LDMOS TRANSISTOR
More results

유사한 설명 - LC801

제조업체부품명데이터시트상세설명
logo
Polyfet RF Devices
L225 POLYFET-L225 Datasheet
38Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
L8721P POLYFET-L8721P Datasheet
40Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LK701 POLYFET-LK701 Datasheet
35Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LP721 POLYFET-LP721 Datasheet
35Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LP802 POLYFET-LP802 Datasheet
35Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LX723 POLYFET-LX723 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LY402 POLYFET-LY402 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LR301 POLYFET-LR301 Datasheet
45Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
L2601 POLYFET-L2601 Datasheet
57Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LC821 POLYFET-LC821 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LP821 POLYFET-LP821 Datasheet
35Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com