전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP300AIDCKRG4 데이터시트(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
부품명 TMP300AIDCKRG4
상세설명  1.8V, Resistor-Programmable TEMPERATURE SWITCH and
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP300AIDCKRG4 데이터시트(HTML) 4 Page - Burr-Brown (TI)

  TMP300AIDCKRG4 Datasheet HTML 1Page - Burr-Brown (TI) TMP300AIDCKRG4 Datasheet HTML 2Page - Burr-Brown (TI) TMP300AIDCKRG4 Datasheet HTML 3Page - Burr-Brown (TI) TMP300AIDCKRG4 Datasheet HTML 4Page - Burr-Brown (TI) TMP300AIDCKRG4 Datasheet HTML 5Page - Burr-Brown (TI) TMP300AIDCKRG4 Datasheet HTML 6Page - Burr-Brown (TI) TMP300AIDCKRG4 Datasheet HTML 7Page - Burr-Brown (TI) TMP300AIDCKRG4 Datasheet HTML 8Page - Burr-Brown (TI) TMP300AIDCKRG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
-
40 -25
0
95
85
45
25
50
75
100
125
Temperature( C)
°
75
55
65
V =18V
S
V =3.3V
S
V =1.8V
S
-
40 -25
0
2.0
1.5
1.0
0.5
0
-
0.5
-
1.0
-
1.5
-
2.0
25
50
75
100
125
Temperature( C)
°
T
+1%
ERROR
T
ERROR - 1%
T
+0.1%
ERROR
T
ERROR - 0.1%
-
40 -25
0
700
600
500
400
300
200
100
0
25
50
75
100
125
Temperature(°C)
-
40 -25
0
4.0
-
4.0
25
50
75
100
125
Temperature( C)
°
2.0
-
1.0
1.0
0
-
2.0
-
3.0
3.0
-
40 -25
0
3.0
2.0
-
3.0
25
50
75
100
125
Temperature( C)
°
1.5
-
2.0
1.0
-
2.5
2.5
0.5
0
-
0.5
-
1.0
-
1.5
-
40 -25
0
0.10
0.08
-
0.02
0
-
0.04
-
0.06
-
0.08
-
0.10
25
50
75
100
125
Temperature(°C)
0.06
0.04
0.02
T
is+85 CforV
°
MAX
S =1.8Vto3.3V
3.3Vto18V
TMP300
SBOS335A – JUNE 2005 – REVISED SEPTEMBER 2007
At VS = 5V, unless otherwise noted.
QUIESCENT CURRENT OVER TEMPERATURE AND
SUPPLY
RSET SHIFT DUE TO RSET TOLERANCE
Figure 1.
Figure 2.
RSET vs TEMPERATURE
TYPICAL TRIP ERROR
Figure 3.
Figure 4.
TYPICAL ANALOG OUTPUT ERROR
ANALOG PSR OVER TEMPERATURE
Figure 5.
Figure 6.
4
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): TMP300


유사한 부품 번호 - TMP300AIDCKRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP300AIDCKRG4 TI-TMP300AIDCKRG4 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300AIDCKRG4 TI1-TMP300AIDCKRG4 Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300AIDCKRG4 TI1-TMP300AIDCKRG4 Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
More results

유사한 설명 - TMP300AIDCKRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP300 TI-TMP300 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com