전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP300AIDCKT 데이터시트(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 TMP300AIDCKT
상세설명  1.8V, Resistor-Programmable TEMPERATURE SWITCH and
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP300AIDCKT 데이터시트(HTML) 8 Page - Burr-Brown (TI)

Back Button TMP300AIDCKT Datasheet HTML 4Page - Burr-Brown (TI) TMP300AIDCKT Datasheet HTML 5Page - Burr-Brown (TI) TMP300AIDCKT Datasheet HTML 6Page - Burr-Brown (TI) TMP300AIDCKT Datasheet HTML 7Page - Burr-Brown (TI) TMP300AIDCKT Datasheet HTML 8Page - Burr-Brown (TI) TMP300AIDCKT Datasheet HTML 9Page - Burr-Brown (TI) TMP300AIDCKT Datasheet HTML 10Page - Burr-Brown (TI) TMP300AIDCKT Datasheet HTML 11Page - Burr-Brown (TI) TMP300AIDCKT Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.ti.com
HYSTERESIS
-
50
-
25
0
5
4
3
2
1
0
-
1
-
2
-
3
-
4
-
5
25
50
75
100
125
Temperature( C)
°
Maximum
Average
Minimum
-
50
-
25
0
5
4
3
2
1
0
-
1
-
2
-
3
-
4
-
5
25
50
75
100
125
Temperature( C)
°
Maximum
Average
Minimum
210kW
R
SET
C
BYPASS
T
SET
OUT
V+
HYST
SET
V
TEMP
TMP300
3 A
m
Proportional
toT
A
Open-DrainControl
C
BYPASS
TMP300
SBOS335A – JUNE 2005 – REVISED SEPTEMBER 2007
Bypass capacitors should be used on the supplies as
well as on the RSET and analog out (VTEMP) pins when
The hysteresis pin has two settings. Grounding
in noisy environments, as shown in Figure 14. These
HYSTSET results in 5°C of hysteresis. Connecting it to
capacitors
reduce
premature
triggering
of
the
VS results in 10°C of hysteresis. Hysteresis error
comparator.
variation over temperature is shown in Figure 12 and
Figure 13.
Figure 13. 10
°C Hysteresis Error vs Temperature
Figure 12. 5
°C Hysteresis Error vs Temperature
Figure 14. Bypass Capacitors Prevent Early Comparator Toggling Due to Circuit Board Noise
8
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): TMP300


유사한 부품 번호 - TMP300AIDCKT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP300AIDCKT TI-TMP300AIDCKT Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300AIDCKT TI1-TMP300AIDCKT Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300AIDCKT TI1-TMP300AIDCKT Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
TMP300AIDCKTG4 TI-TMP300AIDCKTG4 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300AIDCKTG4 TI1-TMP300AIDCKTG4 Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
More results

유사한 설명 - TMP300AIDCKT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP300 TI-TMP300 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com