전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALS1034NSR 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74ALS1034NSR
상세설명  HEX DRIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS1034NSR 데이터시트(HTML) 4 Page - Texas Instruments

  SN74ALS1034NSR Datasheet HTML 1Page - Texas Instruments SN74ALS1034NSR Datasheet HTML 2Page - Texas Instruments SN74ALS1034NSR Datasheet HTML 3Page - Texas Instruments SN74ALS1034NSR Datasheet HTML 4Page - Texas Instruments SN74ALS1034NSR Datasheet HTML 5Page - Texas Instruments SN74ALS1034NSR Datasheet HTML 6Page - Texas Instruments SN74ALS1034NSR Datasheet HTML 7Page - Texas Instruments SN74ALS1034NSR Datasheet HTML 8Page - Texas Instruments SN74ALS1034NSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN54ALS1034, SN54AS1034A, SN74ALS1034, SN74AS1034A
HEX DRIVERS
SDAS053B − APRIL 1982 − REVISED JANUARY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54AS1034A
SN74AS1034A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
−1.2
V
VCC = 4.5 V to 5.5 V,
IOH = − 2 mA
VCC −2
VCC −2
VOH
IOH = − 3 mA
2.4
3.2
2.4
3.2
V
VOH
VCC = 4.5 V
IOH = − 40 mA
2
V
VCC = 4.5 V
IOH = − 48 mA
2
VOL
VCC = 4.5 V
IOL = 40 mA
0.25
0.5
V
VOL
VCC = 4.5 V
IOL = 48 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
− 0.5
− 0.5
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
−50
− 200
−50
− 200
mA
ICCH
VCC = 5.5 V,
VI = 4.5 V
9
15
9
15
mA
ICCL
VCC = 5.5 V,
VI = 0
21
35
21
35
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX§
UNIT
PARAMETER
(INPUT)
(OUTPUT)
SN54AS1034A
SN74AS1034A
UNIT
MIN
MAX
MIN
MAX
tPLH
A
Y
1
6.5
1
6
ns
tPHL
A
Y
1
6.5
1
6
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


유사한 부품 번호 - SN74ALS1034NSR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS1034NSR TI-SN74ALS1034NSR Datasheet
120Kb / 8P
[Old version datasheet]   HEX DRIVERS
SN74ALS1034NSR TI1-SN74ALS1034NSR Datasheet
1Mb / 19P
[Old version datasheet]   HEX DRIVERS
SN74ALS1034NSRE4 TI1-SN74ALS1034NSRE4 Datasheet
1Mb / 19P
[Old version datasheet]   HEX DRIVERS
SN74ALS1034NSRG4 TI1-SN74ALS1034NSRG4 Datasheet
1Mb / 19P
[Old version datasheet]   HEX DRIVERS
More results

유사한 설명 - SN74ALS1034NSR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ALS1034 TI-SN54ALS1034 Datasheet
120Kb / 8P
[Old version datasheet]   HEX DRIVERS
5962-8873101CA TI1-5962-8873101CA Datasheet
1Mb / 19P
[Old version datasheet]   HEX DRIVERS
SN54AS1004A TI-SN54AS1004A Datasheet
496Kb / 14P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A_08 Datasheet
664Kb / 16P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A_1 Datasheet
635Kb / 16P
[Old version datasheet]   HEX INVERTING DRIVERS
DS16149 TI1-DS16149_11 Datasheet
381Kb / 8P
[Old version datasheet]   Hex MOS Drivers
SN54AS1004A TI-SN54AS1004A_07 Datasheet
544Kb / 17P
[Old version datasheet]   HEX INVERTING DRIVERS
logo
National Semiconductor ...
DS16149 NSC-DS16149 Datasheet
132Kb / 6P
   Hex MOS Drivers
logo
Texas Instruments
SN5406 TI1-SN5406_15 Datasheet
1,016Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS
logo
NXP Semiconductors
74F805 PHILIPS-74F805 Datasheet
102Kb / 8P
   Hex 2-input NOR drivers
1990 Sep 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com