전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP422AIDCNRG4 데이터시트(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 TMP422AIDCNRG4
상세설명  짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP422AIDCNRG4 데이터시트(HTML) 11 Page - Burr-Brown (TI)

Back Button TMP422AIDCNRG4 Datasheet HTML 7Page - Burr-Brown (TI) TMP422AIDCNRG4 Datasheet HTML 8Page - Burr-Brown (TI) TMP422AIDCNRG4 Datasheet HTML 9Page - Burr-Brown (TI) TMP422AIDCNRG4 Datasheet HTML 10Page - Burr-Brown (TI) TMP422AIDCNRG4 Datasheet HTML 11Page - Burr-Brown (TI) TMP422AIDCNRG4 Datasheet HTML 12Page - Burr-Brown (TI) TMP422AIDCNRG4 Datasheet HTML 13Page - Burr-Brown (TI) TMP422AIDCNRG4 Datasheet HTML 14Page - Burr-Brown (TI) TMP422AIDCNRG4 Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
CONFIGURATION REGISTER 2
TMP421
TMP422
SBOS398A – JULY 2007 – REVISED SEPTEMBER 2007
The remaining bits of the Configuration Register are
The
LEN
bit
enables
the
local
temperature
reserved and must always be set to '0'. The power-on
measurement channel. If LEN = '1', the local channel
reset
value
for
this
register
is
00h.
Table
5
is enabled; if LEN = '0', the local channel is disabled.
summarizes the bits of the Configuration Register.
The
REN
bit
enables
external
temperature
measurement channel 1 (connected to pins 1 and 2.)
If REN = '1', the external channel is enabled; if REN =
'0', the external channel is disabled.
Configuration
Register
2
(pointer
address
0Ah)
controls which temperature measurement channels
For the TMP422 only, the REN2 bit enables the
are enabled and whether the external channels have
second external measurement channel (connected to
the resistance correction feature enabled or not.
pins 3 and 4.) If REN2 = '1', the second external
channel is enabled; if REN = '0', the second external
The RC bit enables the resistance correction feature
channel is disabled.
for the external temperature channels. If RC = '1',
series resistance correction is enabled; if RC = '0',
The temperature measurement sequence is local
resistance
correction
is
disabled.
Resistance
channel, external channel 1, external channel 2,
correction should be enabled for most applications.
shutdown, and delay (to set conversion rate, if
However, disabling the resistance correction may
necessary). The sequence starts over with local
yield slightly improved temperature measurement
channel. If any of the channels are disabled, they are
noise performance, and reduce conversion time by
skipped in the sequence.
about 50%, which could lower power consumption
when conversion rates of two per second or less are
selected.
Table 5. Configuration Register 1 Bit Descriptions
CONFIGURATION REGISTER 1 (Read/Write = 09h, POR = 00h)
BIT
NAME
FUNCTION
POWER-ON RESET VALUE
7
Reserved
0
0 = Run
6
SD
0
1 = Shut Down
5, 4, 3
Reserved
0
0 = –55
°C to +127°C
2
Temperature Range
0
1 = –55
°C to +150°C
1, 0
Reserved
0
Table 6. Configuration Register 2 Bit Descriptions
CONFIGURATION REGISTER 2 (Read/Write = 0Ah, POR = 1Ch for TMP421; 3Ch for TMP422)
BIT
NAME
FUNCTION
POWER-ON RESET VALUE
7, 6
Reserved
0
0 = External Channel 2 Disabled
1 (TMP422)
5
REN2
1 = External Channel 2 Enabled
0 (TMP421)
0 = External Channel 1 Disabled
4
REN
1
1 = External Channel 1 Enabled
0 = Local Channel Disabled
3
LEN
1
1 = Local Channel Enabled
0 = Resistance Correction Disabled
2
RC
1
1 = Resistance Correction Enabled
1, 0
Reserved
0
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TMP421 TMP422


유사한 부품 번호 - TMP422AIDCNRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP422AIDCNRG4 TI-TMP422AIDCNRG4 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP422AIDCNRG4 TI1-TMP422AIDCNRG4 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results

유사한 설명 - TMP422AIDCNRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP421 TI-TMP421 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Global Mixed-mode Techn...
G784 GMT-G784 Datasheet
178Kb / 1P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
logo
Silicon Standard Corp.
SS8018 SSC-SS8018 Datasheet
289Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com