전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-FW00-JM0XX 데이터시트(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-FW00-JM0XX
상세설명  5mm Flat Top InGaN White LED Lamp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-FW00-JM0XX 데이터시트(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-FW00-JM0XX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-FW00-JM0XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-FW00-JM0XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-FW00-JM0XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-FW00-JM0XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-FW00-JM0XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HLMP-FW00
5mm Flat Top InGaN White LED Lamp
Data Sheet
Description
This wide viewing angle white LED lamp is based on
InGaN material technology. A blue LED die is coated by a
phosphor to produce white. The typical resulting color is
described by the coordinates x = 0.32, y = 0.32 using the
1931 CIE Chromaticity Diagram.
Benefit
• Reduced Power Consumption, Higher Reliability,
and Increased Optical/Mechanical Design Flexibility
Compared to Incandescent Bulbs and Other
Alternative White Light Sources
Features
Wide viewing angle: 90°
• Flat top
• High intensity InGaN technology
Applications
• Electronic Signs and Signals
• Small Area Illumination
• Legend Backlighting
• General Purpose Indicators
CAUTION : These devices are Class 1C ESD sensitive. Please observe appropriate precautions during
handling and processing. Refer to Avago Technologies Application Note AN-1142 for additional details.
Package Dimensions
Notes :
1. All dimensions are in milimetres /inches.
2. Epoxy meniscus may extend about 1mm (0.040”) down the leads.


유사한 부품 번호 - HLMP-FW00-JM0XX

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-0103 HP-HLMP-0103 Datasheet
118Kb / 2P
   Panel Mount Clip and Retaining Ring
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-0103 AVAGO-HLMP-0103 Datasheet
112Kb / 2P
   T-13/4 (5 mm) Panel Mount Clip and Retaining Ring
logo
QT Optoelectronics
HLMP-0300 QT-HLMP-0300 Datasheet
252Kb / 3P
   RECTANCULAR SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-0300 FAIRCHILD-HLMP-0300 Datasheet
36Kb / 4P
   2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-0300 HP-HLMP-0300 Datasheet
146Kb / 4P
   2.5 mm x 7.6 mm Rectangular LED Lamps
More results

유사한 설명 - HLMP-FW00-JM0XX

제조업체부품명데이터시트상세설명
logo
BetLux Electronics
BL-L543 BETLUX-BL-L543 Datasheet
240Kb / 4P
   5mm Cylindrical LED lamp, FLAT TOP
BL-L542 BETLUX-BL-L542 Datasheet
237Kb / 4P
   5mm Cylindrical LED lamp, FLAT TOP
logo
Marktech Corporate
MT4730NF-WT MARKTECH-MT4730NF-WT Datasheet
50Kb / 2P
   5mm Flat Top White Emitter
LC503NWH1-15H MARKTECH-LC503NWH1-15H Datasheet
246Kb / 3P
   5mm White InGaN/SiC Ultra Bright LED
LC512NWH1-25H MARKTECH-LC512NWH1-25H Datasheet
249Kb / 3P
   5mm InGaN/SiC White Ultra Bright LED
logo
OptoSupply Internationa...
OSW5DA57E1A OPTOSUPPLY-OSW5DA57E1A Datasheet
98Kb / 1P
   5mm Flat Pure White LED
OSM5DL57E1A OPTOSUPPLY-OSM5DL57E1A Datasheet
98Kb / 1P
   5mm Flat Warm White LED
OSM5DK57E1A OPTOSUPPLY-OSM5DK57E1A Datasheet
136Kb / 1P
   5mm Flat Warm White LED
OSM5DA57E1A OPTOSUPPLY-OSM5DA57E1A Datasheet
98Kb / 1P
   5mm Flat Warm White LED
OSW5DK57E1A OPTOSUPPLY-OSW5DK57E1A Datasheet
136Kb / 1P
   5mm Flat Pure White LED
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com