전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-AM61-Z30ZZ 데이터시트(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-AM61-Z30ZZ
상세설명  Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AM61-Z30ZZ 데이터시트(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-AM61-Z30ZZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM61-Z30ZZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM61-Z30ZZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM61-Z30ZZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM61-Z30ZZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM61-Z30ZZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM61-Z30ZZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM61-Z30ZZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM61-Z30ZZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Device Selection Guide
Part Numbering System
Tolerance for each intensity limit is ± 15%.
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package
HLMP - A x 61 x x x x x
Packaging Option
ZZ: Flexi Ammo-packs
Color Bin Selection
0: Open distribution
T: Red Color, Vf maximum =2.6V
Maximum Intensity Bin
0: No maximum intensity limit
Minimum Intensity Bin
Refer to Device Selection Guide.
Color
B: Blue 470
D: Red 630
M: Green 525
Package
A: 5mm Mini Oval 30
° x 70°
Part Number
Color and Dominant
Wavelength
λd (nm) Typ
Luminous Intensity Iv
(mcd) at 20 mA
Min
Luminous Intensity Iv
(mcd) at 20 mA
Max
HLMP-AD61-X1TZZ
Red 630
1660
3500
HLMP-AM61-Z30ZZ
Green 525
2400
5040
HLMP-AB61-RU0ZZ
Blue 470
550
1150


유사한 부품 번호 - HLMP-AM61-Z30ZZ

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AM64 AVAGO-HLMP-AM64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AM64-140XX BOARDCOM-HLMP-AM64-140XX Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AM65 AVAGO-HLMP-AM65 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AM65-140XX BOARDCOM-HLMP-AM65-140XX Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
More results

유사한 설명 - HLMP-AM61-Z30ZZ

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com