전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HSMW-A400-XXXXX 데이터시트(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HSMW-A400-XXXXX
상세설명  Surface Mount LED Indicator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMW-A400-XXXXX 데이터시트(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMW-A400-XXXXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMW-A400-XXXXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMW-A400-XXXXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMW-A400-XXXXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMW-A400-XXXXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMW-A400-XXXXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMW-A400-XXXXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMW-A400-XXXXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMW-A400-XXXXX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Figure 7b. Recommended soldering pad pattern (TTW).
Figure 7a. Recommended Soldering Pad Pattern.
2.60
(0.103)
SOLDER RESIST
REPRESENTS ELECTRICAL
CONNECTIVITY BETWEEN PADS
4.50 (0.178)
Y
X
0.40 (0.016)
X
0.50
(0.020)
Y
1.10
(0.043)
1.50 (0.059)
DIMENSIONS IN mm (INCHES).
X
X
0.5 (0.020)
Y
Y
1.0 (0.039)
2.0 (0.079)
2.0 (0.079)
6.0 (0.236)
3.0 (0.118)
2.8 (0.110)
6.1 (0.240)
DIMENSIONS IN mm (INCHES).
REPRESENTS ELECTRICAL
CONNECTIVITY BETWEEN PADS
SOLDER RESIST
Thermal Resistance
Solder Pad Area (xy)
300 C/W
>16 mm2
350 C/W
>12 mm2
470 C/W
>8 mm2


유사한 부품 번호 - HSMW-A400-XXXXX

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HSMW-A100-T50J1 AVAGO-HSMW-A100-T50J1 Datasheet
240Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
HSMW-A100-U40H1 AVAGO-HSMW-A100-U40H1 Datasheet
246Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
HSMW-A100-U40J1 AVAGO-HSMW-A100-U40J1 Datasheet
246Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
HSMW-A100-V40J1 AVAGO-HSMW-A100-V40J1 Datasheet
246Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
HSMW-A100-V4MH1 AVAGO-HSMW-A100-V4MH1 Datasheet
246Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
More results

유사한 설명 - HSMW-A400-XXXXX

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HSMD-TX00 HP-HSMD-TX00 Datasheet
201Kb / 8P
   Surface Mount LED Indicator
HSMS-A100 HP-HSMS-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-SBB5-ZT703 AVAGO-ASMT-SBB5-ZT703 Datasheet
557Kb / 9P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-TBBM-NS402 BOARDCOM-ASMT-TBBM-NS402 Datasheet
712Kb / 9P
   Surface-Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-TWBM AVAGO-ASMT-TWBM Datasheet
104Kb / 3P
   Surface Mount LED Indicator
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
   Surface Mount LED Indicator
HSMC-A430 AVAGO-HSMC-A430 Datasheet
318Kb / 11P
   Surface Mount LED Indicator
ASMT-SWBM-NXXXX AVAGO-ASMT-SWBM-NXXXX Datasheet
370Kb / 9P
   Surface Mount LED Indicator
ASMT-UBB5-NS8Q2 AVAGO-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-UBB5-NS8Q2 BOARDCOM-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A10X-XXXXX AVAGO-HSMX-A10X-XXXXX Datasheet
330Kb / 13P
   Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com