전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-HB57-KN0XX 데이터시트(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-HB57-KN0XX
상세설명  Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HB57-KN0XX 데이터시트(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HB57-KN0XX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB57-KN0XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB57-KN0XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB57-KN0XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB57-KN0XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB57-KN0XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB57-KN0XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB57-KN0XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB57-KN0XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
•  Well defined spatial radiation pattern
•  High brightness material
•  Available in red, green and blue color 
Red AlInGaP 630 nm   
Green InGaN 525 nm   
Blue InGaN 470 nm
•  Tinted and diffused
Benefits
•  Viewing angle designed for wide field of view applica-
tions
•  Superior performance for outdoor environments
Applications
•  Full color signs
•  Commercial outdoor advertising
Description
These  Precision  Optical  Performance  Oval  LEDs  are 
specifically designed for full color/video and passenger 
information signs. The oval shaped radiation pattern and 
high luminous intensity ensure these devices are excellent 
for wide field of view outdoor applications where a wide 
viewing angle and readability in sunlight are essential. 
These lamps have very smooth, matched radiation pat-
terns ensuring consistent color mixing in full color applica-
tions, message uniformity across the viewing angle of the 
sign. High efficiency LED material is used in these lamps: 
higher performance Aluminum Indium Gallium Phosphide 
(AlInGaP II) for red color, Indium Gallium Nitride (InGaN) 
for blue and green. Each lamp is made with an advance 
optical grade epoxy offering superior high temperature 
and high moisture resistance in outdoor applications. 
The package epoxy contains both UV-A and UV-B inhibi-
tors to reduce the effects of long term exposure to direct 
sunlight.
Caution: InGaN devices are Class 1C HBM ESD sensitive per JEDEC standard. Please observe appropriate
precautions during handling and processing. Refer to Application Note AN-1142 for additional details.
HLMP-HD55, HLMP-HM57, HLMP-HB57
Precision Optical Performance Red, Green and Blue
5 mm Standard Oval LEDs
Data Sheet


유사한 부품 번호 - HLMP-HB57-KN0XX

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB54 AVAGO-HLMP-HB54 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-HB54-FJ0XX AVAGO-HLMP-HB54-FJ0XX Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-HB55-HJCXX AVAGO-HLMP-HB55-HJCXX Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-HB55-JKCXX AVAGO-HLMP-HB55-JKCXX Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
More results

유사한 설명 - HLMP-HB57-KN0XX

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
   Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-LG63 AVAGO-HLMP-LG63 Datasheet
472Kb / 9P
   Precision Optical Performance Red 4mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com