전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-3707 데이터시트(PDF) 10 Page - Agilent(Hewlett-Packard)

부품명 HLMP-3707
상세설명  T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-3707 데이터시트(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HLMP-3707_05 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-3707_05 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-3707_05 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-3707_05 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-3707_05 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-3707_05 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-3707_05 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-3707_05 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-3707_05 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Precautions
Lead Forming
• The leads of an LED lamp may be preformed or cut to
length prior to insertion and soldering into PC board.
• If lead forming is required before soldering, care must
be taken to avoid any excessive mechanical stress
induced to LED package. Otherwise, cut the leads of
LED to length after soldering process at room
temperature. The solder joint formed will absorb the
mechanical stress of the lead cutting from traveling to
the LED chip die attach and wirebond.
• It is recommended that tooling made to precisely
form and cut the leads to length rather than rely upon
hand operation.
Soldering Conditions
• Care must be taken during PCB assembly and
soldering process to prevent damage to LED
component.
• The closest LED is allowed to solder on board is 1.59
mm below the body (encapsulant epoxy) for those
parts without standoff.
• Recommended soldering conditions:
• Wave soldering parameter must be set and
maintained according to recommended temperature
and dwell time in the solder wave. Customer is
advised to periodically check on the soldering profile
to ensure the soldering profile used is always
conforming to recommended soldering condition.
• If necessary, use fixture to hold the LED component
in proper orientation with respect to the PCB during
soldering process.
• Proper handling is imperative to avoid excessive
thermal stresses to LED components when heated.
Therefore, the soldered PCB must be allowed to cool
to room temperature, 25
°C, before handling.
• Special attention must be given to board fabrication,
solder masking, surface plating and lead holes size
and component orientation to assure solderability.
• Recommended PC board plated through hole sizes for
LED component leads:
Manual Solder
Wave Soldering
Dipping
Pre-heat Temperature
105
°C Max.
Pre-heat Time
30 sec Max.
Peak Temperature
250
°C Max.
260
°C Max.
Dwell Time
3 sec Max.
5 sec Max.
LED Component
Plated Through
Lead Size
Diagonal
Hole Diameter
0.457 x 0.457 mm
0.646 mm
0.976 to 1.078 mm
(0.018 x 0.018 inch)
(0.025 inch)
(0.038 to 0.042 inch)
0.508 x 0.508 mm
0.718 mm
1.049 to 1.150 mm
(0.020 x 0.020 inch)
(0.028 inch)
(0.041 to 0.045 inch)
Note: Refer to application note AN1027 for more
information on soldering LED components.
Figure 8. Recommended wave soldering profile.
LAMINAR WAVE
BOTTOM SIDE
OF PC BOARD
HOT AIR KNIFE
TURBULENT WAVE
FLUXING
PREHEAT
010
20
30
50
100
150
200
250
30
40
50
TIME – SECONDS
60
70
80
90
100
TOP SIDE OF
PC BOARD
CONVEYOR SPEED = 1.83 M/MIN (6 FT/MIN)
PREHEAT SETTING = 150
°C (100°C PCB)
SOLDER WAVE TEMPERATURE = 245
°C
AIR KNIFE AIR TEMPERATURE = 390
°C
AIR KNIFE DISTANCE = 1.91 mm (0.25 IN.)
AIR KNIFE ANGLE = 40
°
SOLDER: SN63; FLUX: RMA
NOTE: ALLOW FOR BOARDS TO BE
SUFFICIENTLY COOLED BEFORE EXERTING
MECHANICAL FORCE.
10


유사한 부품 번호 - HLMP-3707_05

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-3707-L00XX HP-HLMP-3707-L00XX Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results

유사한 설명 - HLMP-3707_05

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3707 AVAGO-HLMP-3707 Datasheet
889Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra?멊right LED Lamps New sturdy leads
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com