전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-HD57 데이터시트(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-HD57
상세설명  5 mm Precision Optical Performance Red Oval Plastic Lamps
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HD57 데이터시트(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HD57 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD57 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD57 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image

Device Selection Guide
Color and
Luminous
Luminous
Dominant
Intensity
Intensity
Wavelength
Iv (mcd) at
Iv (mcd) at
Tinting
Part Number
λd (nm) Typ.
20 mA Min.
20 mA Max.
Type
HLMP-HD57-NR0xx
Red 630
680
1900
Red
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package.
. The optical axis is closely aligned with the package mechanical axis.
3. The dominant wavelength, λd, is derived from the Chromaticity Diagram and represents the color of the lamp.
4. Tolerance for luminous intensity is ± 15%.
Part Numbering System
H L M P - x x x x - x x x x x
Mechanical Options
00: Bulk Packaging
zz: Flexi-bin; Ammo Packs
Color Bin Selections
0: No Color Bin Limitation
Maximum Intensity Bin
0: No Iv Bin Limitation
Minimum Intensity Bin
Refer to Device Selection Guide
Color
D: 630 nm Red
Package
H: 5 mm Oval 40º x 100º
Absolute Maximum Ratings at TA = 25˚C
Parameter
Value
DC Forward Current[1]
50 mA
Peak Pulsed Forward Current []
100 mA
Average Forward Current
30 mA
Power Dissipation
10 mW
Reverse Voltage
5 V (IR = 100 µA)
LED Junction Temperature
130˚C
Operating Temperature Range
–40˚C to +100˚C
Storage Temperature Range
–40˚C to +10˚C
Notes:
1. Derate linearly as shown in Figure 3.
. Duty Factor 30%, Frequency 1 KHz.
Note: Please refer to AB 5337 for complete information about part numbering system.


유사한 부품 번호 - HLMP-HD57

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
HLMP-HD57-NR0XX AVAGO-HLMP-HD57-NR0XX Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
More results

유사한 설명 - HLMP-HD57

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
HLMP-LG63 AVAGO-HLMP-LG63 Datasheet
472Kb / 9P
   Precision Optical Performance Red 4mm Standard Oval LEDs
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com