전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1981BLJSTZ-REEL2 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD1981BLJSTZ-REEL2
상세설명  AC ??7 SoundMAX짰 Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1981BLJSTZ-REEL2 데이터시트(HTML) 3 Page - Analog Devices

  AD1981BLJSTZ-REEL2 Datasheet HTML 1Page - Analog Devices AD1981BLJSTZ-REEL2 Datasheet HTML 2Page - Analog Devices AD1981BLJSTZ-REEL2 Datasheet HTML 3Page - Analog Devices AD1981BLJSTZ-REEL2 Datasheet HTML 4Page - Analog Devices AD1981BLJSTZ-REEL2 Datasheet HTML 5Page - Analog Devices AD1981BLJSTZ-REEL2 Datasheet HTML 6Page - Analog Devices AD1981BLJSTZ-REEL2 Datasheet HTML 7Page - Analog Devices AD1981BLJSTZ-REEL2 Datasheet HTML 8Page - Analog Devices AD1981BLJSTZ-REEL2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
REV. 0
–3–
AD1981BL
Parameter
Min
Typ
Max
Unit
ANALOG-TO-DIGITAL CONVERTERS
Resolution
16
Bits
Total Harmonic Distortion (THD)
–87
dB
Dynamic Range (–60 dB Input THD+N Referenced to Full Scale,
A-Weighted)
78
83
dB
Signal-to-Intermodulation Distortion1 (CCIF Method)
85
dB
ADC Crosstalk
1
Line Inputs (Input L, Ground R, Read R; Input R, Ground L, Read L)
–80
dB
Line_In to Other
–100
–80
dB
Gain Error
2 (Full-Scale Span Relative to Nominal Input Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.5
dB
ADC Offset Error1
±5mV
DIGITAL-TO-ANALOG CONVERTERS
Resolution
20
Bits
Total Harmonic Distortion (THD) LINE_OUT
–88
dB
Total Harmonic Distortion (THD) HP_OUT
–81
dB
Dynamic Range (–60 dB Input THD+N Referenced to Full Scale,
82
87.5
dB
A-Weighted)
Signal-to-Intermodulation Distortion
1 (CCIF Method)
–100
dB
Gain Error2 (Output FS Voltage Relative to Nominal Output FS Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.7
dB
DAC Crosstalk
1 (Input L, Zero R, Measure R_OUT; Input R,
Zero L, Measure L_OUT)
–80
dB
ANALOG OUTPUT
Full-Scale Output Voltage; LINE_OUT and MONO_OUT
0.707
V rms
2.0
V p-p
Output Impedance1
800
External Load Impedance
1
10
k
Output Capacitance
1
15
pF
External Load Capacitance1
100
pF
Full-Scale Output Voltage; HP_OUT (0 dB Gain)
1
V rms
External Load Impedance
1
32
VREF
1
1.12
1.225
V
VREF_OUT
2.25
V
VREF_OUT Current Drive
5mA
Mute Click (Muted Output Minus Unmuted Midscale DAC Output)
±5mV
STATIC DIGITAL SPECIFICATIONS
High Level Input Voltage (VIH): Digital Inputs
0.65
DVDD
V
Low Level Input Voltage (VIL)
0.35
DVDD
V
High Level Output Voltage (VOH), IOH = 2 mA
0.9
DVDD
V
Low Level Output Voltage (VOL), IOL = 2 mA
0.1
DVDD
V
Input Leakage Current
–10
+10
µA
Output Leakage Current
–10
+10
µA
POWER SUPPLY
Power Supply Range—(AVDD and DVDD)
3.0
3.47
V
Power Dissipation
287
mW
Analog Supply Current—3.3 V (AVDD)39
mA
Digital Supply Current—3.3 V (DVDD)48
mA
Power Supply Rejection (100 mV p-p Signal @ 1 kHz)
1
(At Both Analog and Digital Supply Pins, Both ADCs and DACs)
40
dB


유사한 부품 번호 - AD1981BLJSTZ-REEL2

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1981BLJSTZ-REEL AD-AD1981BLJSTZ-REEL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results

유사한 설명 - AD1981BLJSTZ-REEL2

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1988A AD-AD1988A Datasheet
1Mb / 20P
   High Definition Audio SoundMAX짰 Codec
REV. 0
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
AD1887 AD-AD1887 Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
AD1986 AD-AD1986 Datasheet
1Mb / 52P
   AC ??7 SoundMAX CODEC
REV. 0
AD1981B AD-AD1981B Datasheet
499Kb / 28P
   AC ??7 SoundMAX Codec
REV. B
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
   AC??7 Audio Codec
logo
Analog Devices
AD1981A AD-AD1981A Datasheet
183Kb / 24P
   AC ??7 SoundMAX Codec
REV. 0
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
   AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
   AC??7 Audio Codec
Rev 4.0 DEC 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com