전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-RL10 데이터시트(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-RL10
상세설명  4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-RL10 데이터시트(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-RL10 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-RL10 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-RL10 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-RL10 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-RL10 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-RL10 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-RL10 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-RL10 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-RL10 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package.
2. The optical axis is closely aligned with the package mechanical axis.
3. The dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
Device Selection Guide for AlInGaP II
Color and
Luminous
Dominant
Intensity
Wavelength
IV (mcd) at 20 mA
Leads with
Leadframe
Package
Part Number
λd (nm) Typ.
Min.
Max.
Stand-Offs
Orientation
Drawing
HLMP-RD11-J0000
Red 630
240
-
Yes
Parallel
B
HLMP-RD11-LP000
Red 630
400
1150
Yes
Parallel
B
HLMP-RD11-LPT00
Red 630
400
1150
Yes
Parallel
B
HLMP-RL11-H0000
Amber 592
180
-
Yes
Parallel
B
HLMP-RL11-LP000
Amber 592
400
1150
Yes
Parallel
B
HLMP-RL11-LPRxx
Amber 592
400
1150
Yes
Parallel
B
HLMP-SD11-J0000
Red 630
240
-
Yes
Perpendicular
A
HLMP-SD11-LP000
Red 630
400
1150
Yes
Perpendicular
A
HLMP-SD11-LPT00
Red 630
400
1150
Yes
Perpendicular
A
HLMP-SD11-MN0xx
Red 630
520
880
Yes
Perpendicular
A
HLMP-SD11-MNTxx
Red 630
520
880
Yes
Perpendicular
A
HLMP-SL11-H0000
Amber 592
180
-
Yes
Perpendicular
A
HLMP-SL11-HL0xx
Amber 592
180
520
Yes
Perpendicular
A
HLMP-SL11-KN0xx
Amber 592
310
880
Yes
Perpendicular
A
HLMP-SL11-LP0xx
Amber 592
400
1150
Yes
Perpendicular
A
HLMP-SL11-LPRxx
Amber 592
400
1150
Yes
Perpendicular
A
Device Selection Guide for InGaN
Color and
Luminous
Dominant
Intensity
Wavelength
IV (mcd) at 20 mA
Leads with
Leadframe
Package
Part Number
λd (nm) Typ.
Min.
Max.
Stand-Offs
Orientation
Drawing
HLMP-SM11-LP0xx
Green 526
400
1150
Yes
Perpendicular
A
HLMP-RM11-H00xx
Green 526
180
-
Yes
Parallel
B
HLMP-RM11-M00xx
Green 526
520
-
Yes
Parallel
B
HLMP-SB11-H00xx
Blue 470
180
-
Yes
Perpendicular
A
HLMP-RB11-D00xx
Blue 470
65
-
Yes
Parallel
B
HLMP-RB11-H00xx
Blue 470
180
-
Yes
Parallel
B
Notes:
4. The luminous intensity is measured on the mechanical axis of the lamp package.
5. The optical axis is closely aligned with the package mechanical axis.
6. The dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.


유사한 부품 번호 - HLMP-RL10

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-RL10 HP-HLMP-RL10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
HLMP-RL10-FJ000 HP-HLMP-RL10-FJ000 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
HLMP-RL10-HL000 HP-HLMP-RL10-HL000 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
HLMP-RL10-LP000 HP-HLMP-RL10-LP000 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
More results

유사한 설명 - HLMP-RL10

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com