전자부품 데이터시트 검색엔진 |
|
HLMP-CM26-X10XX 데이터시트(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED |
|
HLMP-CM26-X10XX 데이터시트(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED |
5 / 10 page 5 Absolute Maximum Rating at TA = 25°C Parameters Value Unit DC Forward Current [1] 30 mA Peak Pulsed Forward Current[2] 100 mA Power Dissipation 116 mW LED Junction Temperature 130 °C Operating Temperature Range –40 to +85 °C Storage Temperature Range –40 to +100 °C Notes: 1. Derate linearly as shown in Figure 2. 2. Duty factor 10%, frequency 1 KHz. Electrical/Optical Characteristics TA = 25oC Blue Green Cyan Parameters Symbol Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Units Test Condition Forward Voltage VF 3.2 3.85 3.3 3.85 3.2 3.85 V IF = 20 mA Reverse Voltage[1] VR 5.0 5.0 5.0 V IR = 10 µA Thermal Resistance RqJ-PIN 240 240 240 oC/W LED Junction to Anode Lead Dominant ld 460 470 480 520 525 540 490 505 508 nm IF = 20 mA Wavelength[2] Peak Wavelength lPEAK 464 516 501 nm Peak of Wavelength of Spectral Distribu- tion at IF = 20 mA Spectral Half Width Dl1/2 23 32 30 nm Wavelength Width at Spectral Distribu- tion Power Point at IF = 20 mA Luminous Efficacy[3] hv 74 484 319 lm/W Emitted Luminous Power/Emitted Radiant Power Notes: 1. The reverse voltage of the product is equivalent to the forward voltage of the protective chip at IR = 10 µA. 2. The dominant wavelength, ld, is derived from the Chromaticity Diagram and represents the color of the lamp. 3. The radiant intensity, Ie in watts/steradian, may be found from the equation Ie = Iv/hv, where Iv is the luminous intensity in candelas and hv is the luminous efficacy in lumens/watt. |
유사한 부품 번호 - HLMP-CM26-X10XX |
|
유사한 설명 - HLMP-CM26-X10XX |