전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G696L308T1UF 데이터시트(PDF) 6 Page - Global Mixed-mode Technology Inc

부품명 G696L308T1UF
상세설명  Microprocessor Reset IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GMT [Global Mixed-mode Technology Inc]
홈페이지  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G696L308T1UF 데이터시트(HTML) 6 Page - Global Mixed-mode Technology Inc

Back Button G696L308T1UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G696L308T1UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G696L308T1UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G696L308T1UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G696L308T1UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G696L308T1UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G696L308T1UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G696L308T1UF Datasheet HTML 9Page - Global Mixed-mode Technology Inc G696L308T1UF Datasheet HTML 10Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Ver: 1.8
May 10, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G696/G697
Global Mixed-mode Technology Inc.
Typical Operating Characteristics (continued)
Recommended Minimum Footprint
0
50
100
150
200
250
300
-40 -30 -20 -10
0
1020
3040
50
6070
80
90
T
A, A mbient Temperature (°C)
C
D=0.1µF
Reset Output Time Delay vs. Temperature
SOT-23-5 / TSOT-23-5


유사한 부품 번호 - G696L308T1UF

제조업체부품명데이터시트상세설명
logo
Global Mixed-mode Techn...
G696L308T GMT-G696L308T Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results

유사한 설명 - G696L308T1UF

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
   Microprocessor Reset IC
G680 GMT-G680 Datasheet
56Kb / 1P
   Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
   Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
   Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
   Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
   Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
   Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G696 GMT-G696 Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com