전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G697L400TOU 데이터시트(PDF) 2 Page - Global Mixed-mode Technology Inc

부품명 G697L400TOU
상세설명  Microprocessor Reset IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GMT [Global Mixed-mode Technology Inc]
홈페이지  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G697L400TOU 데이터시트(HTML) 2 Page - Global Mixed-mode Technology Inc

  G697L400TOU Datasheet HTML 1Page - Global Mixed-mode Technology Inc G697L400TOU Datasheet HTML 2Page - Global Mixed-mode Technology Inc G697L400TOU Datasheet HTML 3Page - Global Mixed-mode Technology Inc G697L400TOU Datasheet HTML 4Page - Global Mixed-mode Technology Inc G697L400TOU Datasheet HTML 5Page - Global Mixed-mode Technology Inc G697L400TOU Datasheet HTML 6Page - Global Mixed-mode Technology Inc G697L400TOU Datasheet HTML 7Page - Global Mixed-mode Technology Inc G697L400TOU Datasheet HTML 8Page - Global Mixed-mode Technology Inc G697L400TOU Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Ver: 1.8
May 10, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G696/G697
Global Mixed-mode Technology Inc.
Ordering Information
ORDER NUMBER
ORDER NUMBER
(Pb free)
TEMP. RANGE
PACKAGE
G696HxxxT1U
G696HxxxT1Uf
-40°C ~ +105°C
SOT-23-5
G696LxxxT1U
G696LxxxT1Uf
-40°C ~ +105°C
SOT-23-5
G697LxxxT1U
G697LxxxT1Uf
-40°C ~ +105°C
SOT-23-5
G696HxxxTOU
G696HxxxTOUf
-40°C ~ +105°C
TSOT-23-5
G696LxxxTOU
G696LxxxTOUf
-40°C ~ +105°C
TSOT-23-5
G697LxxxTOU
G697LxxxTOUf
-40°C ~ +105°C
TSOT-23-5
Note: T1: SOT-23-5
TO: TSOT-23-5
U: Tape & Reel
* xxx specifies the threshold voltage.
e.g. 263 denotes the 2.64V threshold voltage.
Selector Guide
ORDER
NUMBER
ORDER NUMBER
(Pb free)
RESET THRESHOLD (V)
OUTPUT TYPE
TOP MARK
G697L463T1U
G697L463T1Uf
4.60
Open-Drain RESET
697Gx
G697L438T1U
G697L438T1Uf
4.32
Open-Drain RESET
697Fx
G697L400T1U
G697L400T1Uf
3.96
Open-Drain RESET
697Ex
G697L330T1U
G697L330T1Uf
3.30
Open-Drain RESET
697Dx
G697L308T1U
G697L308T1Uf
3.10
Open-Drain RESET
697Cx
G697L293T1U
G697L293T1Uf
2.91
Open-Drain RESET
697Bx
G697L263T1U
G697L263T1Uf
2.64
Open-Drain RESET
697Ax
G697L250T1U
G697L250T1Uf
2.50
Open-Drain RESET
697Hx
G696H463T1U
G696H463T1Uf
4.60
Push-Pull RESET
696Lx
G696H438T1U
G696H438T1Uf
4.32
Push-Pull RESET
696Kx
G696H400T1U
G696H400T1Uf
3.96
Push-Pull RESET
696Jx
G696H330T1U
G696H330T1Uf
3.30
Push-Pull RESET
696Nx
G696H308T1U
G696H308T1Uf
3.10
Push-Pull RESET
696Ix
G696H293T1U
G696H293T1Uf
2.91
Push-Pull RESET
696Hx
G696H263T1U
G696H263T1Uf
2.64
Push-Pull RESET
696Gx
G696H250T1U
G696H250T1Uf
2.50
Push-Pull RESET
696Qx
G696L463T1U
G696L463T1Uf
4.60
Push-Pull RESET
696Fx
G696L438T1U
G696L438T1Uf
4.32
Push-Pull RESET
696Ex
G696L400T1U
G696L400T1Uf
3.96
Push-Pull RESET
696Dx
G696L330T1U
G696L330T1Uf
3.30
Push-Pull RESET
696Mx
G696L308T1U
G696L308T1Uf
3.10
Push-Pull RESET
696Cx
G696L293T1U
G696L293T1Uf
2.91
Push-Pull RESET
696Bx
G696L263T1U
G696L263T1Uf
2.64
Push-Pull RESET
696Ax
G696L250T1U
G696L250T1Uf
2.50
Push-Pull RESET
696Px
T1: SOT-23-5


유사한 부품 번호 - G697L400TOU

제조업체부품명데이터시트상세설명
logo
Global Mixed-mode Techn...
G697L400T GMT-G697L400T Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results

유사한 설명 - G697L400TOU

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
   Microprocessor Reset IC
G680 GMT-G680 Datasheet
56Kb / 1P
   Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
   Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
   Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
   Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
   Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
   Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G696 GMT-G696 Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com