전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KK74AC245 데이터시트(PDF) 4 Page - KODENSHI_AUK CORP.

부품명 KK74AC245
상세설명  Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74AC245 데이터시트(HTML) 4 Page - KODENSHI_AUK CORP.

  KK74AC245 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74AC245 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74AC245 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74AC245 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74AC245 Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74AC245 Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KK74AC245
AC ELECTRICAL CHARACTERISTICS (CL=50pF, Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C
-40
°C to
85
°C
Unit
Min
Max
Min
Max
tPLH
Propagation Delay, A to B, B to A
(Figure 1)
3.3
5.0
1.5
1.5
8.5
6.5
1.0
1.0
9.0
7.0
ns
tPHL
Propagation Delay, A to B, B to A
(Figure 1)
3.3
5.0
1.5
1.5
8.5
6.0
1.0
1.0
9.0
7.0
ns
tPZH
Propagation Delay, Direction or Output
Enable to A or B (Figure 2)
3.3
5.0
1.5
1.5
11.5
8.5
2.0
1.0
12.5
9.0
ns
tPZL
Propagation Delay, Direction or Output
Enable to A or B (Figure 2)
3.3
5.0
2.5
1.5
12.0
9.0
2.0
1.0
13.5
9.5
ns
tPHZ
Propagation Delay, Direction or Output
Enable to A or B (Figure 2)
3.3
5.0
2.0
1.5
12.0
9.0
1.0
1.0
12.5
10.0
ns
tPLZ
Propagation Delay, Direction or Output
Enable to A or B (Figure 2)
3.3
5.0
2.0
1.5
11.5
9.0
1.5
1.0
13.0
10.0
ns
CIN
Maximum Input Capacitance
5.0
4.5
4.5
pF
COUT
Maximum Three-State I/O Capacitance
(I/O in High-Impedance State)
5.0
15
15
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
45
pF
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
4


유사한 부품 번호 - KK74AC245

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
KK74AC240 KODENSHI-KK74AC240 Datasheet
288Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74AC240DW KODENSHI-KK74AC240DW Datasheet
288Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74AC240N KODENSHI-KK74AC240N Datasheet
288Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74AC241 KODENSHI-KK74AC241 Datasheet
293Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74AC241DW KODENSHI-KK74AC241DW Datasheet
293Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
More results

유사한 설명 - KK74AC245

제조업체부품명데이터시트상세설명
logo
IK Semicon Co., Ltd
IN74AC623 IKSEMICON-IN74AC623 Datasheet
227Kb / 6P
   Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT623 KODENSHI-KK74ACT623 Datasheet
290Kb / 6P
   Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC245 IKSEMICON-IN74AC245 Datasheet
201Kb / 6P
   Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC623 KODENSHI-KK74AC623 Datasheet
292Kb / 6P
   Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC245 INTEGRAL-IN74AC245 Datasheet
146Kb / 5P
   Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT623 IKSEMICON-IN74ACT623 Datasheet
279Kb / 6P
   Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT245 KODENSHI-KK74ACT245 Datasheet
274Kb / 6P
   Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT245 IKSEMICON-IN74ACT245 Datasheet
261Kb / 6P
   Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HCT245A KODENSHI-KK74HCT245A Datasheet
240Kb / 6P
   Octal 3-State Noninverting Bus Transceiver High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC623 SLS-SL74HC623 Datasheet
49Kb / 5P
   Octal 3-State Noninverting Bus Transceiver(High-Performance Silicon-Gate CMOS)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com