전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KK74AC273 데이터시트(PDF) 4 Page - KODENSHI_AUK CORP.

부품명 KK74AC273
상세설명  Octal D Flip-Flop with Common Clock and Reset
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74AC273 데이터시트(HTML) 4 Page - KODENSHI_AUK CORP.

  KK74AC273 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74AC273 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74AC273 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74AC273 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74AC273 Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74AC273 Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KK74AC273
AC ELECTRICAL CHARACTERISTICS (C =50pF, Input t =t =3.0 ns)
L
r
f
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C
-40
°C to
85
°C
Unit
Min
Max
Min
Max
fmax
Maximum Clock Frequency (Figure 1)
3.3
5.0
90
140
75
125
MHz
tPLH
Propagation Delay, Clock to Q (Figure 1)
3.3
5.0
4.0
3.0
12.5
9.0
3.0
2.5
14.0
10.0
ns
tPLH
Propagation Delay, Clock to Q (Figure 1)
3.3
5.0
4.0
3.0
13.0
10.0
3.5
2.5
14.5
11.0
ns
tPHL
Propagation Delay, Reset to Q (Figure 2)
3.3
5.0
4.0
3.0
13.0
10.0
3.5
2.5
14.0
10.5
ns
CIN
Maximum Input Capacitance
5.0
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
50
pF
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
TIMING REQUIREMENTS (CL=50pF, Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C
-40
°C to
85
°C
Unit
tsu
Minimum Setup Time, Data to Clock
(Figure 3)
3.3
5.0
5.5
4.0
6.0
4.5
ns
th
Minimum Hold Time, Data to Clock
(Figure 3)
3.3
5.0
0
1.0
0
1.0
ns
tw
Minimum Pulse Width, Clock (Figure 1)
3.3
5.0
5.5
4.0
6.0
4.5
ns
tw
Minimum Pulse Width, Reset (Figure 2)
3.3
5.0
5.5
4.0
6.0
4.5
ns
trec
Minimum Recovery Time, Reset to Clock
(Figure 2)
3.3
5.0
3.5
2.0
4.5
3.0
ns
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
4


유사한 부품 번호 - KK74AC273

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
KK74AC27 KODENSHI-KK74AC27 Datasheet
213Kb / 5P
   Triple 3-Input NOR Gate High-Speed Silicon-Gate CMOS
KK74AC27D KODENSHI-KK74AC27D Datasheet
213Kb / 5P
   Triple 3-Input NOR Gate High-Speed Silicon-Gate CMOS
KK74AC27N KODENSHI-KK74AC27N Datasheet
213Kb / 5P
   Triple 3-Input NOR Gate High-Speed Silicon-Gate CMOS
More results

유사한 설명 - KK74AC273

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
KK74HC273A KODENSHI-KK74HC273A Datasheet
242Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset
logo
Integral Corp.
IN74ACT273 INTEGRAL-IN74ACT273 Datasheet
182Kb / 5P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
Motorola, Inc
MC54HC273A MOTOROLA-MC54HC273A Datasheet
111Kb / 7P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
System Logic Semiconduc...
SL74HC273 SLS-SL74HC273 Datasheet
49Kb / 5P
   Octal D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74HC273 ONSEMI-MC74HC273 Datasheet
195Kb / 8P
   OCTAL D FLIP FLOP WITH COMMON CLOCK AND RESET
May, 2000 ??Rev. 9
logo
Integral Corp.
IN74HC273A INTEGRAL-IN74HC273A Datasheet
148Kb / 5P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
ON Semiconductor
MC74HC273A ONSEMI-MC74HC273A_11 Datasheet
155Kb / 9P
   Octal D Flip-Flop with Common Clock and Reset
May, 2011 ??Rev. 13
logo
KODENSHI_AUK CORP.
KK74LV273 KODENSHI-KK74LV273 Datasheet
337Kb / 7P
   Octal D Flip-Flop with Common Clock and Reset
logo
IK Semicon Co., Ltd
IN74AC273 IKSEMICON-IN74AC273 Datasheet
195Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74HC273A ONSEMI-MC74HC273A_15 Datasheet
96Kb / 8P
   Octal D Flip-Flop with Common Clock and Reset
October, 2015 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com