전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G696L250TOU 데이터시트(PDF) 1 Page - Global Mixed-mode Technology Inc

부품명 G696L250TOU
상세설명  Microprocessor Reset IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GMT [Global Mixed-mode Technology Inc]
홈페이지  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G696L250TOU 데이터시트(HTML) 1 Page - Global Mixed-mode Technology Inc

  G696L250TOU Datasheet HTML 1Page - Global Mixed-mode Technology Inc G696L250TOU Datasheet HTML 2Page - Global Mixed-mode Technology Inc G696L250TOU Datasheet HTML 3Page - Global Mixed-mode Technology Inc G696L250TOU Datasheet HTML 4Page - Global Mixed-mode Technology Inc G696L250TOU Datasheet HTML 5Page - Global Mixed-mode Technology Inc G696L250TOU Datasheet HTML 6Page - Global Mixed-mode Technology Inc G696L250TOU Datasheet HTML 7Page - Global Mixed-mode Technology Inc G696L250TOU Datasheet HTML 8Page - Global Mixed-mode Technology Inc G696L250TOU Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Ver: 1.8
May 10, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G696/G697
Global Mixed-mode Technology Inc.
Microprocessor Reset IC
Features
Precision Monitoring of +3V, +3.3V, and +5V
Power-Supply Voltages
Fully Specified Over Temperature
Available in Three Output Configurations
Push-Pull
RESET Output (G696L)
Push-Pull RESET Output (G696H)
Open-Drain RESET Output (G697L)
Externally Programmable Time Delay Generator
14µA Supply Current
Guaranteed Reset Valid to VCC = 0.8V
Power Supply Transient Immunity
5 pin SOT-23-5 or TSOT-23-5 Packages
2% Threshold Accuracy
Applications
Computers
Controllers
Intelligent Instruments
Critical µP and µC Power Monitoring
Portable / Battery-Powered Equipment
Automotive
General Description
The G696/G697 are microprocessor (µP) supervisory
circuits used to monitor the power supplies in µP and
digital systems. They provide excellent circuit reliability
and low cost and adjustments when used with +5V,
+3.3V, +3.0V- powered circuits.
These circuits perform a single function: they assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold, with hysteresis keeping it
asserted for time delay determined by externally pro-
grammable time delay generator after VCC has risen
above the reset threshold. Reset thresholds suitable
for operation with a variety of supply voltages are
available.
The G697L has an open-drain output stage, while the
G696 have push-pull outputs. The G697L’s open-drain
RESET output requires a pull-up resistor that can be
connected to a voltage higher than VCC. The G696L
have an active-low RESET output, while the G696H
has an active-high RESET output. The reset com-
parator is designed to ignore fast transients on VCC,
and the outputs are guaranteed to be in the correct
logic state for VCC down to 0.8V.
Low supply current makes the G696/G697 ideal for
use in portable equipment. The G696/G697 are avail-
able in 5-pin SOT23-5 or TSOT-23-5 packages.
Pin Configuration
Typical Application Circuit
RESET
(RESET)
VCC
SOT-23-5/TSOT-23-5
G696/G697
5
1
2
NC
4
3
GND
CD
()is for G696H
*G697 ONLY
RESET
INPUT
GND
µP
VCC
RESET
(RESET)
GND
G696/G697
VCC
CD
V
CC
C
D
R
pull-up*
RESET
(RESET)
VCC
SOT-23-5/TSOT-23-5
G696/G697
5
1
2
NC
4
3
GND
CD
()is for G696H
*G697 ONLY
RESET
INPUT
GND
µP
VCC
RESET
(RESET)
GND
G696/G697
VCC
CD
V
CC
C
D
R
pull-up*


유사한 부품 번호 - G696L250TOU

제조업체부품명데이터시트상세설명
logo
Global Mixed-mode Techn...
G696L263T GMT-G696L263T Datasheet
211Kb / 8P
   Microprocessor Reset IC
G696L293T GMT-G696L293T Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results

유사한 설명 - G696L250TOU

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
   Microprocessor Reset IC
G680 GMT-G680 Datasheet
56Kb / 1P
   Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
   Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
   Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
   Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
   Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
   Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G696 GMT-G696 Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com