전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G697L330TOUF 데이터시트(PDF) 8 Page - Global Mixed-mode Technology Inc

부품명 G697L330TOUF
상세설명  Microprocessor Reset IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GMT [Global Mixed-mode Technology Inc]
홈페이지  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G697L330TOUF 데이터시트(HTML) 8 Page - Global Mixed-mode Technology Inc

Back Button G697L330TOUF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G697L330TOUF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G697L330TOUF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G697L330TOUF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G697L330TOUF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G697L330TOUF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G697L330TOUF Datasheet HTML 9Page - Global Mixed-mode Technology Inc G697L330TOUF Datasheet HTML 10Page - Global Mixed-mode Technology Inc G697L330TOUF Datasheet HTML 11Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Ver: 1.8
May 10, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G696/G697
Global Mixed-mode Technology Inc.
Pin Description
PIN
NAME
FUNCTION
RESET
(G696L/G697L)
RESET
Output remains low while VCC is below the reset threshold, and for delay time set by CD
after VCC rises above the reset threshold.
1
RESET (G696H)
RESET Output remains high while VCC is below the reset threshold, and for delay time set by CD
after VCC rises above the reset threshold.
2
VCC
Supply Voltage (+5V, +3.3V, +3.0V)
3
GND
Ground
4
NC
No Connection.
5
CD
External Programmable time delay is set by the capacitor connect to CD pin.
Detailed Description
A microprocessor’s (µP’s) reset input starts the µP in a
known state. The G697L/G696L/G696H assert reset to
prevent
code-execution
errors
during
power-up,
power-down, or brownout conditions. They assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold (VTH-), keeping it asserted for
time delay set by capacitor connected to CD pin, after
VCC has risen above the high reset threshold VTH+
(VTH-+VHYS). The G697L uses an open-drain output,
and the G696L/G696H have a push-pull output stage.
Connect a pull-up resistor on the G697L’s RESET out-
put to any supply between 0 and 5.5V.
The time delay is set by external capacitor CD, and
internal pull up current ICD. When the voltage at CD
pin exceeds the buffer threshold, typically 1.25V, the
RESET output high (RESET output low). The volt-
age detector and buffer have built-in hysterisis to
prevent erratic reset operation. The formula of time
delay is T (ms)
≅ 1685 C
D (µF). Fig1 and Fig2 show a
timing deagram and a Functional Block.
Figure3. RESET Valid to VCC = Ground Circuit
Ensuring a Valid Reset Output Down to VCC = 0
When VCC falls below 0.8V, the G696 RESET output
no longer sinks current-it becomes an open circuit.
Therefore, high-impedance CMOS logic inputs con-
nected to RESET can drift to undetermined voltages.
This presents no problem in most applications since
most µP and other circuitry is inoperative with VCC
below 0.8V. However, in applications where RESET
must be valid down to 0V, adding a pull-down resistor
to RESET causes any stray leakage currents to flow
to ground, holding RESET low (Figure 4). R1’s value
is not critical; 100k
Ω is large enough not to load
RESET and small enough to pull RESET to ground.
A 100k
Ω pull-up resistor to V
CC is also recommended
for the G697L if RESET is required to remain valid
for VCC < 0.8V.
Figure 4. Interfacing to µPs with Bidirectional Re-
set I/O
Figure 5. G697L Open-Drain RESET Output Allows
Use with Multiple Supplies
VCC
RESET
GND
G696
R1
100k
VCC
RESET
GND
G696
R1
100k
RESET
INPUT
GND
5V SYSTEM
RESET
GND
G697
RPULL-UP
+3.3V
+5.0
RESET
INPUT
GND
5V SYSTEM
VCC
RPULL-UP
+3.3V
+5.0V
VCC
RESET
INPUT
GND
5V SYSTEM
RESET
GND
G697
RPULL-UP
+3.3V
+5.0
RESET
INPUT
GND
5V SYSTEM
VCC
RPULL-UP
+3.3V
+5.0V
VCC
RESET
INPUT
GND
5V SYSTEM
RESET
GND
G697
RPULL-UP
+3.3V
+5.0
RESET
INPUT
GND
5V SYSTEM
VCC
RPULL-UP
+3.3V
+5.0V
VCC
RESET
INPUT
GND
µP
RESET
GND
G697
V
CC
MOTOROLA
68HCXX
RPULL-UP
VCC
VCC
RESET
INPUT
GND
µP
RESET
GND
G697
V
CC
MOTOROLA
68HCXX
RPULL-UP
VCC
VCC


유사한 부품 번호 - G697L330TOUF

제조업체부품명데이터시트상세설명
logo
Global Mixed-mode Techn...
G697L330T GMT-G697L330T Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results

유사한 설명 - G697L330TOUF

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
   Microprocessor Reset IC
G680 GMT-G680 Datasheet
56Kb / 1P
   Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
   Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
   Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
   Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
   Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
   Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G696 GMT-G696 Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com