전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KK74ACT640 데이터시트(PDF) 2 Page - KODENSHI_AUK CORP.

부품명 KK74ACT640
상세설명  Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74ACT640 데이터시트(HTML) 2 Page - KODENSHI_AUK CORP.

  KK74ACT640 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74ACT640 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74ACT640 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74ACT640 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74ACT640 Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74ACT640 Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KK74ACT640
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +7.0
V
VIN
DC Input Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±20
mA
IOUT
DC Output Sink/Source Current, per Pin
±50
mA
ICC
DC Supply Current, VCC and GND Pins
±50
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
750
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
4.5
5.5
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TJ
Junction Temperature (PDIP)
140
°C
TA
Operating Temperature, All Package Types
-40
+85
°C
IOH
Output Current - High
-24
mA
IOL
Output Current - Low
24
mA
tr, tf
Input Rise and Fall Time
*
(except Schmitt Inputs)
VCC =4.5 V
VCC =5.5 V
0
0
10
8.0
ns/V
* V
IN
from 0.8 V to 2.0 V
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or
VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.
2


유사한 부품 번호 - KK74ACT640

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
KK74ACT643 KODENSHI-KK74ACT643 Datasheet
300Kb / 6P
   Octal 3-State Bus Transceiver High-Speed Silicon-Gate CMOS
KK74ACT643DW KODENSHI-KK74ACT643DW Datasheet
300Kb / 6P
   Octal 3-State Bus Transceiver High-Speed Silicon-Gate CMOS
KK74ACT643N KODENSHI-KK74ACT643N Datasheet
300Kb / 6P
   Octal 3-State Bus Transceiver High-Speed Silicon-Gate CMOS
More results

유사한 설명 - KK74ACT640

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
KK74AC640 KODENSHI-KK74AC640 Datasheet
320Kb / 6P
   Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
KK74ACT620 KODENSHI-KK74ACT620 Datasheet
294Kb / 6P
   Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC620 IKSEMICON-IN74AC620 Datasheet
230Kb / 6P
   Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
IN74AC640 IKSEMICON-IN74AC640 Datasheet
218Kb / 6P
   Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
IN74ACT620 IKSEMICON-IN74ACT620 Datasheet
283Kb / 6P
   Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
IN74ACT640 IKSEMICON-IN74ACT640 Datasheet
303Kb / 6P
   Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC620 KODENSHI-KK74AC620 Datasheet
296Kb / 6P
   Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC620 INTEGRAL-IN74AC620 Datasheet
181Kb / 5P
   Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC620 SLS-SL74HC620 Datasheet
49Kb / 5P
   Octal 3-State Inverting Bus Transceiver(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HC620A IKSEMICON-IN74HC620A Datasheet
167Kb / 6P
   Octal 3-State Inverting Bus Transceiver High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com