전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-3601 데이터시트(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-3601
상세설명  T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-3601 데이터시트(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-3601 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-3601 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-3601 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-3601 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-3601 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-3601 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-3601 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-3601 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-3601 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Electrical/Optical Characteristics at TA = 25°C
High Efficiency Red
Yellow
Green
Test
Symbol
Description
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
lP
Peak
635
583
565
nm
Wavelength
ld
Dominant
626
585
569
nm
Note 4
Wavelength
Dl1
/2
Spectral Line
40
36
28
nm
Halfwidth
RqJ-PIN
Thermal
290
290
290
°C/W Junction to
Resistance
Cathode Lead
(Note 6)
RqJ-PIN
Thermal
210
210
210
°C/W Junction to
Resistance
Cathode Lead
(Note 7)
IF
Forward Current
13
20
13
20
13
20
mA
VF = 12 V
12 V Devices
IF
Forward Current
10
15
10
15
10
15
mA
VF = 5 V
5 V Devices
hV
Luminous
145
500
595
lumen
Note 2
Efficacy
/Watt
VR
Reverse
5.0
5.0
5.0
V
IR = 100 µA
Breakdown
Voltage
Notes:
4. The dominant wavelength, ld, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the
device.
5. Radiant intensity, Ie, in watts/steradian, may be found from the equation Ie = lV/hV, where lV is the luminous intensity in candelas and hV is the
luminous efficacy in lumens/Watt.
6. For Figure A package type.
7. For Figure B package type.


유사한 부품 번호 - HLMP-3601

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-3601 HP-HLMP-3601 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3601 AVAGO-HLMP-3601 Datasheet
202Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3601OB00 HP-HLMP-3601OB00 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
HLMP-3601OB01 HP-HLMP-3601OB01 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
HLMP-3601OB02 HP-HLMP-3601OB02 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
More results

유사한 설명 - HLMP-3601

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-1600 HP-HLMP-1600 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1600 AVAGO-HLMP-1600 Datasheet
202Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
Broadcom Corporation.
HLMP-1600 BOARDCOM-HLMP-1600 Datasheet
230Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
QT Optoelectronics
MR3050 QT-MR3050 Datasheet
264Kb / 3P
   INTEGRATED T-1 3/4 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
MR5060 QT-MR5060 Datasheet
261Kb / 3P
   INTEGRATED T-1 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com