전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KK74LS245 데이터시트(PDF) 2 Page - KODENSHI_AUK CORP.

부품명 KK74LS245
상세설명  Octal 3-State Noninverting Bus Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74LS245 데이터시트(HTML) 2 Page - KODENSHI_AUK CORP.

  KK74LS245 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74LS245 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74LS245 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74LS245 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74LS245 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KK74LS245
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
7.0
V
VIN
Input Voltage
7.0
V
VOUT
Output Voltage
5.5
V
Tstg
Storage Temperature Range
-65 to +150
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
4.75
5.25
V
VIH
High Level Input Voltage
2.0
V
VIL
Low Level Input Voltage
0.8
V
IOH
High Level Output Current
-15
mA
IOL
Low Level Output Current
24
mA
TA
Ambient Temperature Range
0
+70
°C
DC ELECTRICAL CHARACTERISTICS over full operating conditions
Guaranteed Limit
Symbol
Parameter
Test Conditions
Min
Max
Unit
VIK
Input Clamp Voltage
VCC = min, IIN = -18 mA
-1.5
V
VOH
High Level Output Voltage
VCC = min, IOH = -1.0 mA
2.7
V
VCC = min, IOH = -3.0 mA
2.4
VCC = min, IOH = -15 mA
2.0
VOL
Low Level Output Voltage
VCC = min, IOL = 12 mA
0.4
V
VCC = min, IOL = 24 mA
0.5
VT+ - VT-
Hysteresis
VCC = min
0.2
V
IOZH
Output Off Current HIGH
VCC = max, VOUT = 2.7 V
20
µA
IOZL
Output Off Current LOW
VCC = max, VOUT = 0.4 V
-0.2
mA
IIH
High Level Input Current
VCC = max, VIN = 2.7 V
20
µA
VCC = max, VIN = 5.5 V
(A or B)
0.1
mA
VCC = max, VIN = 7.0 V
for Pin1, Pin 19
0.1
IIL
Low Level Input Current
VCC = max, VIN = 0.4 V
-0.2
mA
IO
Output Short Circuit Current
VCC = max, VO =0 V
(Note 1)
-40
-225
mA
ICC
Supply
Outputs High
VCC = max
70
mA
Current
Outputs Low
Outputs open
90
All outputs disable
95
Note 1: Not more thanone output should be shorted at a time, and duration of the short-circuit should not exceed one
second.
2


유사한 부품 번호 - KK74LS245

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
KK74LS244 KODENSHI-KK74LS244 Datasheet
333Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
KK74LS244DW KODENSHI-KK74LS244DW Datasheet
333Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
KK74LS244N KODENSHI-KK74LS244N Datasheet
333Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
More results

유사한 설명 - KK74LS245

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC74HC245A ONSEMI-MC74HC245A Datasheet
129Kb / 10P
   Octal 3-State Noninverting Bus Transceiver
July, 2005 ??Rev. 11
logo
Integral Corp.
IN74LV623 INTEGRAL-IN74LV623 Datasheet
133Kb / 5P
   OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
logo
KODENSHI_AUK CORP.
KK74LV623 KODENSHI-KK74LV623 Datasheet
270Kb / 6P
   OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
logo
System Logic Semiconduc...
SL74LS245 SLS-SL74LS245 Datasheet
44Kb / 4P
   Octal 3-State Noninverting Bus Transceiver
logo
Integral Corp.
IN74LS245 INTEGRAL-IN74LS245 Datasheet
332Kb / 5P
   Octal 3-State Noninverting Bus Transceiver
IN74ACT623 INTEGRAL-IN74ACT623 Datasheet
189Kb / 5P
   OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
logo
IK Semicon Co., Ltd
IN74LS245 IKSEMICON-IN74LS245 Datasheet
259Kb / 5P
   Octal 3-State Noninverting Bus Transceiver
logo
System Logic Semiconduc...
SL74HC245 SLS-SL74HC245 Datasheet
49Kb / 5P
   Octal 3-State Noninverting Bus Transceiver
logo
Integral Corp.
IN74HC245 INTEGRAL-IN74HC245 Datasheet
110Kb / 5P
   Octal 3-State Noninverting Bus Transceiver
IN74HC623 INTEGRAL-IN74HC623 Datasheet
108Kb / 5P
   Octal 3-State Noninverting Bus Transceiver
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com