전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM3130-G 데이터시트(PDF) 2 Page - Ramtron International Corporation

부품명 FM3130-G
상세설명  Integrated RTC/Alarm and 64Kb FRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMTRON [Ramtron International Corporation]
홈페이지  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3130-G 데이터시트(HTML) 2 Page - Ramtron International Corporation

  FM3130-G Datasheet HTML 1Page - Ramtron International Corporation FM3130-G Datasheet HTML 2Page - Ramtron International Corporation FM3130-G Datasheet HTML 3Page - Ramtron International Corporation FM3130-G Datasheet HTML 4Page - Ramtron International Corporation FM3130-G Datasheet HTML 5Page - Ramtron International Corporation FM3130-G Datasheet HTML 6Page - Ramtron International Corporation FM3130-G Datasheet HTML 7Page - Ramtron International Corporation FM3130-G Datasheet HTML 8Page - Ramtron International Corporation FM3130-G Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
FM3130 Integrated RTC/Alarm with 64Kb FRAM
Rev. 1.0
Sept. 2006
Page 2 of 22
Figure 1. Block Diagram
Pin Descriptions
Pin Name
Type
Pin Description
X1, X2
I/O
32.768 kHz crystal connection. When using an external oscillator, apply the clock to X1
and a DC mid-level to X2 (see Crystal Type section for suggestions).
ACS
Output
Alarm/Calibration/SquareWave: This is an open-drain output that requires an external
pullup resistor. The alarm, calibration, and square wave functions all share this output.
In Alarm mode, this pin acts as the active-low alarm output. In Calibration mode, a 512
Hz square-wave is driven out. In SquareWave mode, the user may select a frequency of
1, 512, 4096, or 32768 Hz to be used as a continuous output. Refer to Table 3. Control
Bit Settings for ACS Pin to determine the bit settings for each mode.
SDA
I/O
Serial Data & Address: This is a bi-directional line for the two-wire interface. It is
open-drain and is intended to be wire-OR’d with other devices on the two-wire bus. The
input buffer incorporates a Schmitt trigger for noise immunity and the output driver
includes slope control for falling edges. A pull-up resistor is required.
SCL
Input
Serial Clock: The serial clock line for the two-wire interface. Data is clocked out of the
part on the falling edge, and data into the device on the rising edge. The SCL input also
incorporates a Schmitt trigger input for noise immunity.
VBAK
Supply
Backup supply voltage: A 3V battery or a large value capacitor. If no backup supply is
used, this pin should be tied to VSS.
VDD
Supply
Supply Voltage.
VSS
Supply
Ground
FRAM
Array
2-Wire
Interface
RTC
VSW
-
+
RTC Registers
Special
Function
Registers
X1
X2
LockOut
Switched Power
RTC Cal.
Battery Backed
Nonvolatile
ACS
Alarm
512Hz/SQW
Alarm
SCL
SDA
VDD
VBAK


유사한 부품 번호 - FM3130-G

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM3130-G RAMTRON-FM3130-G Datasheet
401Kb / 22P
   Integrated RTC/Alarm and 64Kb F-RAM
FM3130-GTR RAMTRON-FM3130-GTR Datasheet
401Kb / 22P
   Integrated RTC/Alarm and 64Kb F-RAM
More results

유사한 설명 - FM3130-G

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM3130 RAMTRON-FM3130_11 Datasheet
401Kb / 22P
   Integrated RTC/Alarm and 64Kb F-RAM
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_05 Datasheet
187Kb / 13P
   64Kb FRAM Serial Memory
FM24C64 RAMTRON-FM24C64_05 Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
logo
Maxim Integrated Produc...
DS32X35 MAXIM-DS32X35 Datasheet
279Kb / 21P
   Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 0; 12/06
DS32B35 MAXIM-DS32B35_10 Datasheet
410Kb / 22P
   Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 3; 7/10
logo
Ramtron International C...
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
FM24CL64 RAMTRON-FM24CL64_07 Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com