전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM1112-QG 데이터시트(PDF) 5 Page - Ramtron International Corporation

부품명 FM1112-QG
상세설명  Nonvolatile 3V Quad State Saver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMTRON [Ramtron International Corporation]
홈페이지  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM1112-QG 데이터시트(HTML) 5 Page - Ramtron International Corporation

  FM1112-QG Datasheet HTML 1Page - Ramtron International Corporation FM1112-QG Datasheet HTML 2Page - Ramtron International Corporation FM1112-QG Datasheet HTML 3Page - Ramtron International Corporation FM1112-QG Datasheet HTML 4Page - Ramtron International Corporation FM1112-QG Datasheet HTML 5Page - Ramtron International Corporation FM1112-QG Datasheet HTML 6Page - Ramtron International Corporation FM1112-QG Datasheet HTML 7Page - Ramtron International Corporation FM1112-QG Datasheet HTML 8Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FM1112 NV Quad State Saver
Rev. 1.0
Aug. 2007
Page 5 of 8
AC Parameters (TA = -40° C to + 85° C, VDD = 2.7V to 3.6V, CL = 30 pF unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
fMAX
Maximum Clock Frequency
1
MHz
tLOW
CLK Low Period
0.3
µs
tHIGH
CLK High Period
0.3
µs
tPD
Propagation delay CLK to QN
50
ns
tHZ
EN Low to QN Hi-Z
25
ns
1
tR
Input Rise Time
100
ns
1
tF
Input Fall Time
100
ns
1
tDS
Data (DN) Setup Time to CLK
5
ns
tDH
Data (DN) Hold Time after CLK
10
ns
tEHD
EN Hold Time (EN High after CLK
)
0
µs
tEH
EN High Time
5
µs
tEL
EN Low Time
2
µs
Notes
1. This parameter is characterized but not tested.
Power Cycling and Data Retention (TA = -40° C to + 85° C, VDD = 2.7V to 3.6V, unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
Nonvolatile Data Retention Time
45
-
years
tVDR
VDD Rise Time
25
-
µs/V
1
tVDF
VDD Fall Time
50
-
µs/V
1
tRES
EN High to QN Restore Time
-
0.5
µs
2
tPDS
EN Low to Power Down Time
1
-
µs
tEHFC
EN High to First Clock (CLK
) after Power Up
4
-
µs
3
Notes
1.
Slope measured at any point on VDD waveform.
2.
After power up, when EN goes high the nonvolatile latches are read and the values restored to the outputs QN.
3.
After power up, this is the minimum time required before a state change operation may occur. EN and VDD may be
coincident at power up, and in this case tEHFC time is referenced to VDD (min) and CLK .
Capacitance (TA = 25° C , f=1.0 MHz, VDD = 3.3V)
Symbol
Parameter
Min
Max
Units
Notes
CI
Input Capacitance
-
14
pF
1
Notes
1.
This parameter is characterized but not tested.


유사한 부품 번호 - FM1112-QG

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM1110 RAMTRON-FM1110 Datasheet
259Kb / 8P
   Nonvolatile 5V Quad State Saver
FM1114 RAMTRON-FM1114 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
More results

유사한 설명 - FM1112-QG

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM1114 RAMTRON-FM1114 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
FM1107 RAMTRON-FM1107 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106_09 Datasheet
121Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1110 RAMTRON-FM1110 Datasheet
259Kb / 8P
   Nonvolatile 5V Quad State Saver
FM1105 RAMTRON-FM1105_09 Datasheet
121Kb / 8P
   Nonvolatile 5V Dual State Saver
FM1105 RAMTRON-FM1105 Datasheet
117Kb / 8P
   Nonvolatile 5V Dual State Saver
logo
Dallas Semiconductor
DS1314 DALLAS-DS1314_05 Datasheet
188Kb / 11P
   3V Nonvolatile Controller with Lithium Battery Monitor
logo
ARTSCHIP ELECTRONICS CO...
DS1314 ARTSCHIP-DS1314 Datasheet
294Kb / 10P
   3V Nonvolatile Controller with Lithium Battery Monitor
logo
Dallas Semiconductor
DS1314 DALLAS-DS1314 Datasheet
201Kb / 11P
   3V Nonvolatile Controller with Lithium Battery Monitor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com