전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM3316-G 데이터시트(PDF) 5 Page - Ramtron International Corporation

부품명 FM3316-G
상세설명  3V Integrated Processor Companion with Memory
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMTRON [Ramtron International Corporation]
홈페이지  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3316-G 데이터시트(HTML) 5 Page - Ramtron International Corporation

  FM3316-G Datasheet HTML 1Page - Ramtron International Corporation FM3316-G Datasheet HTML 2Page - Ramtron International Corporation FM3316-G Datasheet HTML 3Page - Ramtron International Corporation FM3316-G Datasheet HTML 4Page - Ramtron International Corporation FM3316-G Datasheet HTML 5Page - Ramtron International Corporation FM3316-G Datasheet HTML 6Page - Ramtron International Corporation FM3316-G Datasheet HTML 7Page - Ramtron International Corporation FM3316-G Datasheet HTML 8Page - Ramtron International Corporation FM3316-G Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
FM33256/FM3316 SPI Companion w/ FRAM
Rev. 1.0
Dec. 2006
Page 5 of 28
60 ms increments via a 5-bit nonvolatile setting
(register 0Ch).
Figure 3. Watchdog Timer
The watchdog also incorporates a window timer
feature that allows a delayed start. The starting time
and ending time defines the window and each may be
set independently.
The starting time has 25 ms
resolution and 0 ms to 775 ms range.
Figure 4. Window Timer
The watchdog EndTime value is located in register
0Ch, bits 4-0, the watchdog enable is bit 7. The
watchdog is restarted by writing the pattern 1010b to
the lower nibble of register 0Ah. Writing the correct
pattern will also cause the timer to load new timeout
values. Writing other patterns to this address will not
affect its operation. Note the watchdog timer is free-
running. Prior to enabling it, users should restart the
timer as described above. This assures that the full
timeout is provided immediately after enabling. The
watchdog is disabled when VDD drops below VTP.
Note setting the EndTime timeout setting to all
zeroes (00000b) disables the timer to save power.
The listing below summarizes the watchdog bits.
Watchdog StartTime
WDST4-0 0Bh, bits 4-0
Watchdog EndTime
WDET4-0 0Ch, bits 4-0
Watchdog Enable
WDE
0Ch, bit 7
Watchdog Restart
WR3-0
0Ah, bits 3-0
Watchdog Flags
EWDF,
09h, bit 7
LWDF
09h, bit 6
The programmed StartTime value is a guaranteed
maximum time while the EndTime value is a
guaranteed minimum time, and both vary with
temperature and VDD voltage. The watchdog has two
additional controls associated with its operation. The
nonvolatile enable bit WDE allows the /RST to go
active if the watchdog reaches the timeout without
being restarted. If a reset occurs, the timer will restart
on the rising edge of the reset pulse. If WDE is not
enabled, the watchdog timer still runs but has no
effect on /RST. The second control is a nibble that
restarts the timer, thus preventing a reset. The timer
should be restarted after changing the timeout value.
This procedure must be followed to properly load the
watchdog registers:
Address
1.
Write the StartTime value
0Bh
2.
Write the EndTime value and WDE=1 0Ch
3.
Issue a Restart command
0Ah
The restart command in step 3 must be issued before
tDOG2, which was programmed in step 2. The window
timer starts counting when the restart command is
issued.
Manual Reset
The /RST is a bi-directional signal allowing the
FM33xx to filter and de-bounce a manual reset
switch. The /RST input detects an external low
condition and responds by driving the /RST signal
low for 100 ms (max.). This effectively filters and de-
bounces a reset switch. After this timeout (tRPW), the
user may continue pulling down on the /RST pin, but
SPI commands will not be locked out.
Figure 5. Manual Reset
Note the internal weak pull-up eliminates the need
for additional external components.
Reset Flags
In case of a reset condition, a flag bit will be set to
indicate the source of the reset. A low-VDD reset is
indicated by the POR bit, register 09h bit 5. There are
two watchdog reset flags
- one for an early fault
(EWDF) and the other for a late fault (LWDF),
located in register 09h bits 7 and 6. A manual reset
will result in no flag being set, so the absence of a
flag is a manual reset. Note that the bits are set in
response to reset sources but they must be cleared by
the user. It is possible to read the register and have
RST
Watchdog
Restart
Start
Time
End
Time
100 ms (max)
Window
Timebase
Down Counter
Watchdog
Timer Settings
100 ms
clock
WDE
/RST
WR3-0 = 1010b
to restart
FM33xx
Reset
Switch
RST
MCU
Switch
Behavior
RST
FM33xx
drives
100 ms (max.)


유사한 부품 번호 - FM3316-G

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM3316 RAMTRON-FM3316 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
More results

유사한 설명 - FM3316-G

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
FM31L278 RAMTRON-FM31L278_11 Datasheet
461Kb / 26P
   3V Integrated Processor Companion with Memory
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com